Electronic Components Datasheet Search
  English  ▼

X  

MP2632 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP2632
Description  All-in-One, 3A Battery Charger with 3A Boost Current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2632 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP2632 Datasheet HTML 11Page - Monolithic Power Systems MP2632 Datasheet HTML 12Page - Monolithic Power Systems MP2632 Datasheet HTML 13Page - Monolithic Power Systems MP2632 Datasheet HTML 14Page - Monolithic Power Systems MP2632 Datasheet HTML 15Page - Monolithic Power Systems MP2632 Datasheet HTML 16Page - Monolithic Power Systems MP2632 Datasheet HTML 17Page - Monolithic Power Systems MP2632 Datasheet HTML 18Page - Monolithic Power Systems MP2632 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
MP2632
– ALL-IN-ONE, 3A SW CHARGER, 3A BOOST
MP2632 Rev.1.0
www.MonolithicPower.com
15
6/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
P/N
Name
I/O
Description
1
PGND
Power
Power ground.
2
SW
Power
Switch output node. It is not recommended to place vias on the SW plane during
PCB layout.
3, 4
SYS
Power
System output. Place a ceramic capacitor of at least 22µF as close to SYS and
PGND as possible. The total capacitance should not be lower than 44µF.
5
VIN
Power
Adapter input. Place a bypass capacitor close to VIN to prevent large input voltage
spikes.
6
DM1
I
Negative line of the input USB data line pair. DM1 together with DP1 achieves
the USB host. DM1 has automatic charging port detection.
7
DP1
I
Positive line of the input USB data line pair. DP1 together with DM1 achieves
the USB host. DP1 has automatic charging port detection.
8
TC
O
Torch control output. TC is the open-drain structure. The internal driver MOSFET
is on when PB is pulled low for more than 1.5ms twice within one second.
9
ILIM
I
Input current setting. Connect ILIM to GND with an external resistor to program
an input current limit in charge mode when a dedicated charger is detected.
10
DM2
O
Negative line of the output USB data line pair. DM2 together with DP2
automatically provides the correct voltage signal for attached portable equipment to
perform DCP detection.
11
DP2
O
Positive line of the output USB data line pair. DP2 together with DM2
automatically provides the correct voltage signal for attached portable equipment to
perform DCP detection.
12
PB
I
Push button input. Connect a push button from PB to AGND. PB is pulled up by a
resistor internally. When PB is set from high to low for more than 1.5ms, the boost
is enabled and latched if VIN is not available.
LED1-4 are on for five seconds whenever PB is set from high to low for more than
1.5ms.
If PB is set from high to low for more than 1.5ms twice within one second and the
torch light is off, the torch light drive MOSFET is on and latched. However, if PB is
set from high to low for more than 1.5ms twice within one second and the torch
drive MOSFET is on, the torch light drive MOSFET is off.
If PB is set from high to low for more than 2.5 seconds, this is defined as a long
push, and boost is shut down manually.
13
TMR
I
Oscillator period timer. Connect a timing capacitor between TMR and GND to set
the oscillator period. Short TMR to GND to disable the timer function.
14
ISET
I
Programmable charge current. Connect an external resistor to GND to program
the charge current.
15
OLIM
I
Programmable output current limit for boost mode. Connect an external resistor
to GND to program the system current in boost mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com