Electronic Components Datasheet Search
  English  ▼

X  

MP2632 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2632
Description  All-in-One, 3A Battery Charger with 3A Boost Current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2632 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2632 Datasheet HTML 12Page - Monolithic Power Systems MP2632 Datasheet HTML 13Page - Monolithic Power Systems MP2632 Datasheet HTML 14Page - Monolithic Power Systems MP2632 Datasheet HTML 15Page - Monolithic Power Systems MP2632 Datasheet HTML 16Page - Monolithic Power Systems MP2632 Datasheet HTML 17Page - Monolithic Power Systems MP2632 Datasheet HTML 18Page - Monolithic Power Systems MP2632 Datasheet HTML 19Page - Monolithic Power Systems MP2632 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
MP2632
– ALL-IN-ONE, 3A SW CHARGER, 3A BOOST
MP2632 Rev.1.0
www.MonolithicPower.com
16
6/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
P/N
Name
I/O
Description
16
VCC
I
Internal circuit power supply. Bypass VCC to GND with a ceramic capacitor no
higher than 100nF.
17
AGND
I/O
Analog ground.
18
VNTC
O
Pull-up voltage source for the NTC function. VNTC is connected to VCC through
an internal MOSFET. VNTC is disconnected from VCC during sleep mode. VNTC
should be the pull-up voltage of the external NTC resistive divider.
19
NTC
I
Negative temperature coefficient (NTC) thermistor.
20
VB
I
Programmable battery full voltage. Leave VB floating for 4.2V. Connect VB to
logic high for 4.45V. Connect VB to GND for 4.35V.
21
BATT
I
Positive battery terminal/battery charge current sense negative input.
22
CSP
I
Battery charge current sense positive input.
23
LED4
O
LED4 together with LED1, LED2, and LED3 achieves the voltage-based fuel
gauge indication.
24
LED3
O
LED3 together with LED1, LED2, and LED4 achieves the voltage-based fuel
gauge indication.
25
LED2
O
LED2 together with LED1, LED3, and LED4 achieves the voltage-based fuel
gauge indication.
26
LED1
O
LED1 together with LED2, LED3, and LED4 achieves the voltage-based fuel
gauge indication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com