Electronic Components Datasheet Search
  English  ▼

X  

MP2632 Datasheet(PDF) 27 Page - Monolithic Power Systems

Part # MP2632
Description  All-in-One, 3A Battery Charger with 3A Boost Current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2632 Datasheet(HTML) 27 Page - Monolithic Power Systems

Back Button MP2632 Datasheet HTML 23Page - Monolithic Power Systems MP2632 Datasheet HTML 24Page - Monolithic Power Systems MP2632 Datasheet HTML 25Page - Monolithic Power Systems MP2632 Datasheet HTML 26Page - Monolithic Power Systems MP2632 Datasheet HTML 27Page - Monolithic Power Systems MP2632 Datasheet HTML 28Page - Monolithic Power Systems MP2632 Datasheet HTML 29Page - Monolithic Power Systems MP2632 Datasheet HTML 30Page - Monolithic Power Systems MP2632 Datasheet HTML 31Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
MP2632
– ALL-IN-ONE, 3A SW CHARGER, 3A BOOST
MP2632 Rev.1.0
www.MonolithicPower.com
27
6/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
VDP_SRC
VLGC_HI
IDP_SRC
CHG_DET
VDAT_REF
IDM_SINK
DP
DM
RDM_DWN
Figure 11: USB Port Detection
When the input source plugs in, the IC starts
DP1/DM1 detection. DP1/DM1 detection has two
steps: data contact detection (DCD) and primary
detection. DCD uses a current source to detect
when the data pins have made contact during an
attach event. The protocol for data contact
detection is as follows:
The power device (PD) detects if VBUS is
asserted.
The PD turns on DP IDP_SRC and the DM pull-
down resistor for 40ms.
The PD waits for the DP line to be low.
The PD turns off IDP_SRC and the DM pull-
down resistor when the DP line is detected to
be low, or when the 40ms timer expires.
DCD allows the PD to start primary detection
once the data pins have made contact. Once the
data contact is detected, the IC jumps to the
primary detection immediately. If the data contact
is not detected, the IC jumps to the primary
detection automatically after 300ms from the
beginning of the DCD.
Primary detection is used to distinguish between
the USB host (or SDP) and different types of
charging ports.
During primary detection, the PD turns on VDP_SRC
on DP1 and IDM_SINK on DM1. If the portable
device is attached to a USB host, DM1 is low. If
the power device is attached to CDP, DCP, or
another dedicated charging port, DM1 remains
high.
To be compatible with different capacities of the
input
source,
the
input
current
limit
is
recommended to be set using Table 2 if a 5V
input is requested.
Table 2: Input Current Limit Setting
DP1/DM1 Detection
IIN_LMT
Floating
500mA
SDP
500mA
CDP or DCP
Set through RILIM
The USB detection runs once VIN is detected and
is independent of the charge enable status. After
the DP1/DM1 detection is done, the IC sets the
input current limit as shown in Table 2.
When the detection algorithm is completed, the
DP1 and DM1 signal lines enter a high-Z state
with approximately 4pF of capacitive load.
External Input Current Limit Setting
The IC has a dedicated pin used to program the
input current limit when CDP or DCP is detected.
The current at ILIM is a fraction of the input
current. The ILIM voltage indicates the average
input current of the switching regulator as
determined by the resistor value between ILIM
and GND. As the input current approaches the
programmed input current limit, the charge
current is reduced to give priority to the system
power.
The
input
current
limit
threshold
can
be
determined with Equation (4):
ILIM
ILIM
40(k )
I
(A)
R
(k )
(4)
Input Voltage Regulation in Charge
Mode
In charge mode, if the input power source is not
sufficient for supporting both the charge current
and the system load current, the input voltage
decreases.
As
the
input
voltage
internally
approaches the 4.65V input voltage regulation
threshold preset, the charge current is reduced to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com