Electronic Components Datasheet Search
  English  ▼

X  

MP2632 Datasheet(PDF) 34 Page - Monolithic Power Systems

Part # MP2632
Description  All-in-One, 3A Battery Charger with 3A Boost Current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2632 Datasheet(HTML) 34 Page - Monolithic Power Systems

Back Button MP2632 Datasheet HTML 29Page - Monolithic Power Systems MP2632 Datasheet HTML 30Page - Monolithic Power Systems MP2632 Datasheet HTML 31Page - Monolithic Power Systems MP2632 Datasheet HTML 32Page - Monolithic Power Systems MP2632 Datasheet HTML 33Page - Monolithic Power Systems MP2632 Datasheet HTML 34Page - Monolithic Power Systems MP2632 Datasheet HTML 35Page - Monolithic Power Systems MP2632 Datasheet HTML 36Page - Monolithic Power Systems MP2632 Datasheet HTML 37Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
MP2632
– ALL-IN-ONE, 3A SW CHARGER, 3A BOOST
MP2632 Rev.1.0
www.MonolithicPower.com
34
6/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Setting the Output Current Limit in
Boost Mode
In boost mode, connect a resistor from OLIM to
AGND to program the output current limit. The
relationship between the output current limit and
the setting resistor is shown in Equation (12):
OLIM
OLIM
1500
I
(A)
R
(k ) RS1(m )
 
(12)
The output current limit of the boost can be
programmed up to 3.0A.
Given a 10mΩ RS1, Table 7 lists the expected
ROLIM values for the typical output current limit.
Table 7: Output Current vs. ROLIM
ROLIM (kΩ)
Output Current (A)
150
1.0
100
1.5
75
2.0
60
2.5
49.9
3.0
Selecting the Inductor
The inductor selection trades off between cost,
size, and efficiency. A lower inductance value
corresponds with a smaller size, but results in
higher current ripples, higher magnetic hysteretic
losses, and higher output capacitances. However,
a higher inductance value benefits from lower
ripple currents and smaller output filter capacitors,
but results in a higher inductor DC resistance
(DCR) loss. Choose an inductor that does not
saturate under the worst-case load condition.
In charge mode, the MP2632 works as a buck
converter. The required inductance can be
estimated with Equation (13):
IN
BATT
BATT
L _ MAX
IN
S
V
V
V
L
I
V
f


(13)
Where VIN is the typical input voltage, VBATT is the
CC
charge
threshold,
fS is
the
switching
frequency, and
∆I
L_MAX is the maximum peak-to-
peak inductor current, which is usually designed
at 30% - 40% of the CC charge current.
With a typical 5V input voltage, if there is a 35%
inductor
current
ripple
at
the
corner
point
between the trickle charge and the CC charge
(VBATT = 3V, ICHG = 2.5A), then the inductance is
2.2μH.
In boost mode, the MP2637 works as a boost
converter. The required inductance value can be
calculated with Equation (14), Equation (15), and
Equation (16):
BATT
SYS
BATT
SYS
S
L _ MAX
V
(V
V
)
L
V
f
I

  
(14)
L _ MAX
BATT(MAX)
I
(30% 40%) I
(15)
SYS
SYS(MAX)
BATT(MAX)
BATT
VI
I
V

(16)
Where VBATT is the minimum battery voltage, fSW
is the switching frequency, and ∆I
L_MAX
is the
peak-to-peak
inductor
ripple
current
(approximately 30% of the maximum battery
current (IBATT(MAX))), ISYS(MAX) is the system current,
and η is the efficiency.
The worst case occurs if the battery voltage is 3V,
there is a 30% inductor current ripple, and the
typical system voltage is VSYS = 5V. Then, the
inductance is 1.5µH when the efficiency is 90%.
For best results, use an inductor with an
inductance of 2.2µH with a DC current rating no
lower than the peak current of the MOSFET. For
higher efficiency, minimize the inductor’s DC
resistance.
Selecting the Input Capacitor (CIN)
The input capacitor (CIN) reduces both the surge
current drawn from the input and the switching
noise from the device. The input capacitor
impedance at the switching frequency should be
less than the input source impedance to prevent
the
high-frequency
switching
current
from
passing to the input. Ceramic capacitors with
X7R dielectrics are recommended because of
their low ESR and small temperature coefficients.
For most applications, a 22µF capacitor is
sufficient.
Selecting the System Capacitor (CSYS)
Select the system capacitor (CSYS) based on the
demand of the system current ripple. In charge
mode, CSYS acts as the input capacitor of the
buck converter. The input current ripple can be
calculated with Equation (17):
TC
IN _ MAX
TC
RMS _ MAX
SYS _ MAX
IN _ MAX
V
(V
V )
II
V


(17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com