Electronic Components Datasheet Search
  English  ▼

X  

MP2632 Datasheet(PDF) 26 Page - Monolithic Power Systems

Part # MP2632
Description  All-in-One, 3A Battery Charger with 3A Boost Current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2632 Datasheet(HTML) 26 Page - Monolithic Power Systems

Back Button MP2632 Datasheet HTML 22Page - Monolithic Power Systems MP2632 Datasheet HTML 23Page - Monolithic Power Systems MP2632 Datasheet HTML 24Page - Monolithic Power Systems MP2632 Datasheet HTML 25Page - Monolithic Power Systems MP2632 Datasheet HTML 26Page - Monolithic Power Systems MP2632 Datasheet HTML 27Page - Monolithic Power Systems MP2632 Datasheet HTML 28Page - Monolithic Power Systems MP2632 Datasheet HTML 29Page - Monolithic Power Systems MP2632 Datasheet HTML 30Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
MP2632
– ALL-IN-ONE, 3A SW CHARGER, 3A BOOST
MP2632 Rev.1.0
www.MonolithicPower.com
26
6/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Battery Over-Voltage Protection (OVP)
The IC
has battery over-voltage
protection
(OVP). If the battery voltage exceeds the battery
over-voltage threshold (103.5% of the battery
’s
full voltage), charging is disabled. Under this
condition, an internal 5kΩ dummy load draws a
small current from BATT to reduce the battery
voltage and protect the battery.
Timer Operation in Charge Mode
The IC uses an internal timer to terminate the
charging. The timer remains active during the
charging process. An external capacitor between
TMR and GND programs the charge cycle
duration.
If charging remains in TC mode beyond the
trickle-charge
time
(
τ
TRICKLE_TMR),
charging
is
terminated. For the MP2632, the charge current
in TC mode is fixed at 265mA, and the sense
resistor (RS1)
is set to 10mΩ. The length of the
trickle-charge period can be determined with
Equation (2):
TMR
TRICKLE _ TMR
C
( F)
17mins
0.1 F
(2)
The
maximum
total
charge
time
can
be
calculated with Equation (3):
TMR
TOTAL _ TMR
CHG
C
( F)
1A
7.55Hours
0.1 F
I
(A) 0.1

(3)
Negative Temperature Coefficient
(NTC) Input for Battery Temperature
Monitoring
The IC has a built-in NTC resistance window
comparator, which allows the IC to monitor the
battery temperature via the battery-integrated
thermistor during both charge and boost modes.
Connect an appropriate resistor from VNTC to
NTC and connect the thermistor from NTC to
GND. The resistor divider determines the NTC
voltage depending on the battery temperature. If
the NTC voltage falls outside of the NTC window,
the IC stops charging. The operation then
restarts if the temperature goes back into the
NTC
window
range.
Please
refer
to
the
Application Information section on page 33 for
the appropriate resistor selection.
VNTC Power Supply
The MP2632 has NTC protection in both boost
mode and charge mode. To allow NTC protection
in both boost mode and charge mode and to
minimize the battery leakage current in sleep
mode, the MP2632 uses a dedicated power
supply pin for the pull-up voltage for the NTC
protection function block. In boost mode and
charge mode, VNTC is connected to VCC
internally by a switch. In sleep mode, VNTC is
disconnected from VCC to minimize the battery
leakage current (see Figure 10).
NTC
VNTC
VCC
Charge
Control
Sleep mode
Figure 10: NTC Protection Block
Input DP1/DM1 USB Detection and Input
Current Limit
Power devices (PDs) are able to draw current
from the USB ports in personal computers to
charge their batteries. If the portable device is
attached to a USB host of the hub, then the USB
specification requires the portable device to draw
a limited current (usually 500mA). When the
device is attached to a charging port, it is allowed
to draw more than 1.5A.
The IC features input
source detection to
determine the input current limit according to the
input source (USB or adapter) (see Figure 11).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com