Electronic Components Datasheet Search
  English  ▼

X  

MP2632 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP2632
Description  All-in-One, 3A Battery Charger with 3A Boost Current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2632 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP2632 Datasheet HTML 15Page - Monolithic Power Systems MP2632 Datasheet HTML 16Page - Monolithic Power Systems MP2632 Datasheet HTML 17Page - Monolithic Power Systems MP2632 Datasheet HTML 18Page - Monolithic Power Systems MP2632 Datasheet HTML 19Page - Monolithic Power Systems MP2632 Datasheet HTML 20Page - Monolithic Power Systems MP2632 Datasheet HTML 21Page - Monolithic Power Systems MP2632 Datasheet HTML 22Page - Monolithic Power Systems MP2632 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
MP2632
– ALL-IN-ONE, 3A SW CHARGER, 3A BOOST
MP2632 Rev.1.0
www.MonolithicPower.com
19
6/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION FLOW CHART
POR
VCC > VCC_ UVLO?
4.65 V < VIN <5.8 V?
Yes
Boost Mode
SYS is Powered by VIN
Yes
Charge Mode
Sleep Mode
No
USB Detection
Done?
No
Any Charge Fault ?
Input Current
Limit is Configured
Yes
Yes
No
Short Low Pulse at PB ?
No
No
Yes
No Load is
Detected?
No
No Load Timer
Expires?
Yes
No
Yes
VIN >5.8 V?
No
Input OVP
Fault
Yes
VBATT>2.9V ?
Yes
No
Figure 3: Mode Selection Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com