Electronic Components Datasheet Search
  English  ▼

X  

MP2632 Datasheet(PDF) 29 Page - Monolithic Power Systems

Part # MP2632
Description  All-in-One, 3A Battery Charger with 3A Boost Current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2632 Datasheet(HTML) 29 Page - Monolithic Power Systems

Back Button MP2632 Datasheet HTML 25Page - Monolithic Power Systems MP2632 Datasheet HTML 26Page - Monolithic Power Systems MP2632 Datasheet HTML 27Page - Monolithic Power Systems MP2632 Datasheet HTML 28Page - Monolithic Power Systems MP2632 Datasheet HTML 29Page - Monolithic Power Systems MP2632 Datasheet HTML 30Page - Monolithic Power Systems MP2632 Datasheet HTML 31Page - Monolithic Power Systems MP2632 Datasheet HTML 32Page - Monolithic Power Systems MP2632 Datasheet HTML 33Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
MP2632
– ALL-IN-ONE, 3A SW CHARGER, 3A BOOST
MP2632 Rev.1.0
www.MonolithicPower.com
29
6/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Table 3: Indication at Charge Mode
Operation Status
LED1 to LED4 State
Normal charging
Depending on the battery
voltage, LEDx blinks at
1Hz, (refer to Fuel Gauge
Indication section)
Charge full
LED1 to LED4 are all
turned on
VIN UVLO
LED1 to LED4 are all
turned off
VIN OVP, NTC fault,
battery OVP
LED1 to LED4 are all
blinking at 1Hz
Slope Compensation
HS Sense Current
HS Signal
Comp
600kHz
Constant Off Time
Lower the Fsw to support larger Duty
Figure 13: Constant-Off Time Operation Profile
Boost Mode Operation
Low-Voltage Start-Up
The minimum battery voltage required to start up
the circuit in boost mode is 2.9V. Initially, when
VSYS is less than VBATT, the IC works in down
mode. In this mode, the synchronous P-FET
stops switching and its gate connects to VBATT
statically. The P-FET stays off for as long as the
voltage across the parasitic CDS (VSW) is lower
than
VBATT. When the voltage across CDS
exceeds VBATT, the synchronous P-FET enters
linear mode, allowing the inductor current to
decrease and flow into SYS. Once VSYS exceeds
VBATT, the P-FET gate is released, and normal
closed-loop PWM operation is initiated. In boost
mode, the battery voltage can drop as low as
2.5V without affecting circuit operation.
SYS Disconnect and Inrush Limiting
The IC can achieve true output disconnect by
eliminating body diode conduction of the internal
P-FET rectifier. VSYS can go to 0V during
shutdown, drawing no current from the input
source. It also allows for inrush current limiting at
start-up, minimizing surge currents from the input
supply. To optimize the benefits of the output
disconnect,
avoid
connecting
an
external
Schottky diode between SW and SYS.
Board layout is extremely critical for minimizing
voltage overshoot at SW due to stray inductance.
Keep the output filter capacitor as close to SYS
as possible, and use very low ESR/ESL ceramic
capacitors tied to a good ground plane.
Boost Output Voltage Setting
In boost mode, the IC programs the output
voltage
internally
according
to
the
load
connected to SYS (5.1V or 5.2V) and provides
built-in output over-voltage protection (OVP) to
protect the device and other components against
damage when VSYS goes beyond 6V. Once
output over-voltage occurs, the IC turns off the
boost converter. When the voltage on VSYS drops
to a normal level, the boost converter restarts
again when PB is set from high to low for more
than 1.5ms.
Boost Output Current Limiting
The IC integrates a programmable output current
limit function in boost mode. If the boost output
current exceeds this programmable limit, the
output current is limited at this level and the SYS
voltage begins to drop down. OLIM programs the
current limit threshold up to 3.0A, per Equation
(5):
OLIM
OLIM
1500
I
(A)
R
(k ) RS1(m )
 
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com