Electronic Components Datasheet Search
  English  ▼

X  

MP2632 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2632
Description  All-in-One, 3A Battery Charger with 3A Boost Current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2632 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2632 Datasheet HTML 1Page - Monolithic Power Systems MP2632 Datasheet HTML 2Page - Monolithic Power Systems MP2632 Datasheet HTML 3Page - Monolithic Power Systems MP2632 Datasheet HTML 4Page - Monolithic Power Systems MP2632 Datasheet HTML 5Page - Monolithic Power Systems MP2632 Datasheet HTML 6Page - Monolithic Power Systems MP2632 Datasheet HTML 7Page - Monolithic Power Systems MP2632 Datasheet HTML 8Page - Monolithic Power Systems MP2632 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
MP2632
All-in-One, 3A Battery Charger
with 3A Boost Current
MP2632 Rev.1.0
www.MonolithicPower.com
1
6/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
DESCRIPTION
The MP2632 is a highly integrated, flexible,
switch-mode battery charger with system power-
path management and is designed for single-cell
Li-ion or Li-polymer battery use in a wide range
of applications.
The IC can operate in both charge mode and
boost mode to allow for full system and battery
power management.
The IC has an integrated IN-to-SYS pass-through
path to pass the input voltage to the system. The
pass-through path has built-in over-voltage and
over-current protection and has a higher priority
over the charging path.
When the input power is present, the device
operates in charge mode. The MP2632 detects
the battery voltage automatically and charges the
battery in three phases: trickle current, constant
current and constant voltage. Other features
include charge termination and auto-recharge.
The MP2632 also integrates both input current
limit and input voltage regulation to manage input
power and meet the priority of the system power
demand.
In the absence of an input source, the IC
switches to boost mode through PB to power
SYS from the battery. In boost mode, OLIM
programs the output current limit, and the IC
turns off at light load automatically. The IC also
uses output short-circuit protection to disconnect
the battery from the load completely in the event
of a short-circuit fault. The MP2632 resumes
normal operation once the short-circuit fault is
removed.
The 4-LED driver is integrated for voltage-based
fuel gauge indication.
Together with torch-light
control, the MP2632 provides an all-in-one
solution for power banks and similar applications
without an external micro-controller.
The MP2632 is available in a 26-pin QFN
(4mmx4mm) package.
FEATURES
 Up to 14V Sustainable Input Voltage
 4.65V to 6V Operating Input Voltage Range
 Power Management Function, Integrated
Input Current Limit, Input Voltage Regulation
 Up to 3A Programmable Charge Current
 Trickle-Charge Function
 Selectable 4.2V/4.35V/4.45V Charge Voltage
with 0.5% Accuracy
 4-LED Driver for Battery Fuel Gauge
Indication
 Automatic Turn-Off at Light Load
 Input Source Detection
 Output Source Signaling
 Torch-Light Control
 Negative Temperature Coefficient Pin for
Battery Temperature Monitoring
 Programmable Timer Back-Up Protection
 Thermal Regulation and Thermal Shutdown
 Internal Battery Reverse Leakage Blocking
 Integrated Over-Voltage Protection (OVP)
and Over-Current Protection (OCP) for Pass-
Through Path
 Reverse Boost Operation Mode for System
Power
 Up to 3.0A Programmable Output Current
Limit for Boost Mode
 Integrated Short-Circuit Protection (SCP) and
Output Over-Voltage Protection for Boost
Mode
APPLICATIONS
 Sub-Battery Applications
 Power-Bank Applications for Smart Phones
 Tablets and Other Portable Devices
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.
Analog Digital Adaptive Modulation (ADAM) is a trademark of Monolithic
Power Systems, Inc.


Similar Part No. - MP2632

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2632B MPS-MP2632B Datasheet
1Mb / 43P
All-In-One, 3A, Battery Charger with 3A Boost Current with Independent Torch-On and BATT_UVLO Latch-Off Funtion
MP2632BGR MPS-MP2632BGR Datasheet
1Mb / 43P
All-In-One, 3A, Battery Charger with 3A Boost Current with Independent Torch-On and BATT_UVLO Latch-Off Funtion
More results

Similar Description - MP2632

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1511 LINER-LT1511 Datasheet
145Kb / 16P
Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting
LTC3128 LINER-LTC3128_15 Datasheet
513Kb / 24P
3A Monolithic Buck-Boost Supercapacitor Charger and Balancer with Accurate Input Current Limit
LT1511 LINER-LT1511_15 Datasheet
150Kb / 16P
Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting
logo
List of Unclassifed Man...
XL4101 ETC2-XL4101 Datasheet
307Kb / 6P
3A 150kHz 40V Buck Li Battery Charger
logo
Monolithic Power System...
MP2690 MPS-MP2690 Datasheet
2Mb / 37P
All-in-One, 2.5A Battery Charger with 2.1A Boost Current
logo
XLSEMI
XL4101 XLSEMI-XL4101 Datasheet
307Kb / 6P
3A 150kHz 40V Buck Li Battery Charger
logo
ETA SOLUTIONS CO. LIMIT...
ETA6082 ETA-ETA6082 Datasheet
141Kb / 1P
Single Inductor, 3A Switch Mode Battery Charger, 2.1A USB OTG, and Fuel Gauge All-in-One Solution
logo
Monolithic Power System...
MP2632B MPS-MP2632B Datasheet
1Mb / 43P
All-In-One, 3A, Battery Charger with 3A Boost Current with Independent Torch-On and BATT_UVLO Latch-Off Funtion
logo
Shenzhen Huazhimei Semi...
HM5907 HMSEMI-HM5907 Datasheet
998Kb / 5P
3A Switching Charger, 2.4A Boost and Fuel Gauge in One ESOP8 with Single Inductor
HM5907B HMSEMI-HM5907B Datasheet
763Kb / 5P
3A Switching Charger, 2.4A Boost and 3 LED-indicators for battery level,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com