Electronic Components Datasheet Search
  English  ▼

X  

ISL6565BCB Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL6565BCB
Description  Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6565BCB Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL6565BCB Datasheet HTML 2Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 3Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 4Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 5Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 6Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 7Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 8Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 9Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ISL6565A, ISL6565B
FN9135 Rev 4.00
Page 6 of 28
Dec 1, 2005
Typical Application - ISL6565B
VID3
+5V
+5V
VIN
VID4
PGOOD
VID2
VID1
VID0
VSEN
VDIFF
FB
COMP VCC
GND
RGND
ISEN1
PWM1
PWM2
ISEN2
PWM3
ISEN3
ISL6565B
µP
LOAD
VID12.5
ENLL
OVP
FS
OFS
TCOMP
EN
REF
+12V
RT
ICOMMON
+5V
VIN
+5V
VIN
VID_PGOOD
PWM
VCC
BOOT
UGATE
PHASE
EN
LGATE
GND
ISL6605
PWM
VCC
BOOT
UGATE
PHASE
EN
LGATE
GND
ISL6605
PWM
VCC
BOOT
UGATE
PHASE
EN
LGATE
GND
ISL6605



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com