Electronic Components Datasheet Search
  English  ▼

X  

ISL6565BCB Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL6565BCB
Description  Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6565BCB Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL6565BCB Datasheet HTML 3Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 4Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 5Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 6Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 7Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 8Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 9Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 10Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ISL6565A, ISL6565B
FN9135 Rev 4.00
Page 7 of 28
Dec 1, 2005
Absolute Maximum Ratings
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+7V
Input, Output, or I/O Voltage (except OVP) . .GND -0.3V to VCC + 0.3V
OVP Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+15V
ESD (Human body model) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>4kV
ESD (Machine model) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>300V
ESD (Charged device model) . . . . . . . . . . . . . . . . . . . . . . . . . .>2kV
Operating Conditions
Supply Voltage, VCC (5V bias mode) . . . . . . . . . . . . . . . . +5V ±5%
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 125°C
Thermal Information
Thermal Resistance
JA (°C/W) JC (°C/W)
SOIC Package (Note 1) . . . . . . . . . . . .
62
N/A
QFN Package (Notes 2, 3). . . . . . . . . .
33
3.5
TSSOP Package (Note 1) . . . . . . . . . .
85
N/A
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
CAUTION: Stress above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational section of this specification is not implied.
NOTES:
1.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
3. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Operating Conditions: VCC = 5V or ICC < 25mA (Note 4), TJ = 0°C to 105°C.
Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply
VCC = 5VDC; EN = 5VDC; RT = 100k
ISEN1 = ISEN2 = ISEN3 = -70
A
-14
18
mA
Shutdown Supply
VCC = 5VDC; EN = 0VDC; RT = 100k
-10
14
mA
SHUNT REGULATOR
VCC Voltage
VCC tied to 12VDC thru 300
 resistor, RT = 100k 5.6
5.9
6.2
V
VCC Sink Current
VCC tied to 12VDC thru 300
 resistor, RT = 100k
--
25
mA
POWER-ON RESET AND ENABLE
POR Threshold
VCC Rising
4.2
4.31
4.50
V
VCC Falling
3.7
3.82
4.00
V
ENABLE Threshold
EN Rising
1.29
1.31
1.33
V
Hysteresis
-
150
-
mV
Fault Reset
1.10
1.14
1.18
V
ENLL Input Logic Low Level
--
0.4
V
ENLL input Logic High Level
0.8
-
-
V
ENLL Leakage Current
ENLL = 5V
-
-
1
A
REFERENCE VOLTAGE AND DAC
System Accuracy (VID = 1.2V-1.6V, TJ = 0°C to 85°C)
-0.5
-
0.5
%VID
System Accuracy (VID = 0.8375V-1.1875V TJ = 25°C)
-0.7
-
0.7
%VID
System Accuracy (VID = 0.8375V-1.1875V, TJ = 0°C to 85°C)
-0.8
-
0.8
%VID
VID Pull Up
-65
-50
-35
A
VID Input Low Level
--
0.4
V
VID Input High Level
0.8
-
-
V
DAC Source/Sink Current
VID = 010100
-200
-
200
A
REF Source/Sink Current
-50
-
50
A
PIN-ADJUSTABLE OFFSET
Voltage at OFS Pin
Offset resistor connected to ground
485
500
515
mV
Voltage below VCC, offset resistor connected to VCC 1.97
2.03
2.09
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com