Electronic Components Datasheet Search
  English  ▼

X  

ISL6565BCB Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ISL6565BCB
Description  Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6565BCB Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ISL6565BCB Datasheet HTML 18Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 19Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 20Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 21Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 22Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 23Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 24Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 25Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ISL6565A, ISL6565B
FN9135 Rev 4.00
Page 22 of 28
Dec 1, 2005
important to note that when using Equations 33 and 34 the
resistor divider ratio of the corresponding phase RC network
is being changed. In the phase being adjusted, this new ratio,
Knew (described in Equation 35), can not exceed 1.0.
If this occurs, the current in the hot phase cannot be reduced
any more. Instead of decreasing the current in the hot phase,
the current must be increased in the colder phases. To
accomplish this, use Equations 33 and 34 to get the desired
temperature rise in the cold phases.
While a single adjustment, according to Equations 33 and 34,
is usually sufficient, it may occasionally be necessary to adjust
R1 and R2 in the corresponding channels two or more times
to achieve optimal thermal balance between all phases.
Load-Line Regulation Resistor
The load-line regulation resistor is labeled RFB in Figure 7.
Its value depends on the desired full-load droop voltage
(VDROOP in Figure 7). Once the ISEN resistor has been
chosen, the load-line regulation resistor can be calculated
using Equation 36.
If one or more of the ISEN resistors is adjusted for thermal
balance, as in Equation 26, the load-line regulation resistor
should be selected according to Equation 37 where IFL is the
full-load operating current and RISEN(n) is the ISEN resistor
connected to the nth ISEN pin.
Temperature Compensation Resistor
By combining Equations 17 and 18 found in the Temperature
Compensation
section, the value of the TCOMP resistor can
be determined using Equation 38.
In Equation 38, KT is the temperature coupling coefficient
between the ISL6565A and the closest lower MOSFET, or
the ISL6565B and the output inductor. It represents how
closely the controller temperature tracks the lower MOSFET
or inductor temperature. The value of KT is typically between
75% and 100%. KTC is the temperature dependant
transconductance of the internal compensation circuit. Its
value is designed as 2
A/V/°C. The temperature coefficient
of MOSFET rDS(ON) or inductor DCR is given by . This is
the ratio of the change in resistance to the change in
temperature. Resistance is normalized to the value at 25°C
and the value of
is typically between 0.35%/°C and
0.50%/°C.
According to Equation 38, a voltage regulator with 80%
thermal coupling coefficient between the controller and lower
MOSFET and 0.4%/°C temperature coefficient of MOSFET
rDS(ON) requires a 2.5k TCOMP resistor.
If the exact value for KT and  are not known, Equation 38
can give an incorrect value for RTCOMP. If this is the case,
follow the steps below to obtain an accurate value for
RTCOMP. This procedure works by making two output
voltage measurements. The first is made by using too much
temperature compensation, and the second with too little.
Each of the measurements produces an error and a linear
interpolation is used to find a TCOMP resistor value to
produce zero error. Make all measurements using a digital
multimeter accurate to 100
V or better.
1. Install a 5k
 resistor (R1) for RTCOMP.
2. Start the regulator at room temperature and apply full
load current. Record the output voltage, V1, immediately
after loading the regulator.
3. Allow the board to heat until the output voltage stabilizes
(usually several minutes). Record the output voltage, V2.
4. Install a 1k
 resistor (R2) for RTCOMP.
5. Start the regulator at room temperature and apply full
load current. Record the output voltage, V3, immediately
after loading the regulator.
6. Allow the board to heat until the output voltage stabilizes
(usually several minutes). Record the output voltage, V4.
7. Calculate the correct value for RTCOMP using
Equation 39.
Compensation
The two opposing goals of compensating the voltage
regulator are stability and speed.
The load-line regulated converter behaves in a similar
manner to a peak-current mode controller because the two
poles at the output-filter L-C resonant frequency split with
the introduction of current information into the control loop.
The final location of these poles is determined by the system
function, the gain of the current signal, and the value of the
compensation components, RC and CC.
Knew
K
T
1
T
2
----------
=
(EQ. 35)
RFB
VDROOP
70 10
6
–
-------------------------
=
(EQ. 36)
RFB
VDROOP
IFL rDS ON

--------------------------------
RISEN n

n
=
(EQ. 37)
(EQ. 38)
RTCOMP
KT KTC
----------------------
=
(EQ. 39)
RTCOMP
R1 R1 R2
–

V2 V1
–

V2 V1
–

V3 V4
–

+
--------------------------------------------------------
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com