Electronic Components Datasheet Search
  English  ▼

X  

ISL6565BCB Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ISL6565BCB
Description  Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6565BCB Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ISL6565BCB Datasheet HTML 19Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 20Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 21Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 22Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 23Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 24Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 25Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 26Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ISL6565A, ISL6565B
FN9135 Rev 4.00
Page 23 of 28
Dec 1, 2005
Since the system poles and zero are affected by the values
of the components that are meant to compensate them, the
solution to the system equation becomes fairly complicated.
Fortunately, there is a simple approximation that comes very
close to an optimal solution. Treating the system as though it
were a voltage-mode regulator, by compensating the L-C
poles and the ESR zero of the voltage-mode approximation,
yields a solution that is always stable with very close to ideal
transient performance.
Select a target bandwidth for the compensated system, f0.
The target bandwidth must be large enough to assure
adequate transient performance, but smaller than 1/3 of the
per-channel switching frequency. The values of the
compensation components depend on the relationships of f0
to the L-C pole frequency and the ESR zero frequency. For
each of the following three, there is a separate set of
equations for the compensation components.
.
In Equation 40, L is the per-channel filter inductance divided
by the number of active channels; C is the sum total of all
output capacitors; ESR is the equivalent-series resistance of
the bulk output-filter capacitance; and VPP is the peak-to-
peak sawtooth signal amplitude as described in Figure 6 and
Electrical Specifications
.
Once selected, the compensation values in Equation 40
assure a stable converter with reasonable transient
performance. In most cases, transient performance can be
improved by making adjustments to RC. Slowly increase the
value of RC while observing the transient performance on an
oscilloscope until no further improvement is noted. Normally,
CC will not need adjustment. Keep the value of CC from
Equation 40 unless some performance issue is noted.
The optional capacitor C2, is sometimes needed to bypass
noise away from the PWM comparator (see Figure 17). Keep
a position available for C2, and be prepared to install a high-
frequency capacitor of between 22pF and 150pF in case any
leading-edge jitter problem is noted.
Output Filter Design
The output inductors and the output capacitor bank together
to form a low-pass filter responsible for smoothing the
pulsating voltage at the phase nodes. The output filter also
must provide the transient energy until the regulator can
respond. Because it has a low bandwidth compared to the
switching frequency, the output filter limits the system
transient response. The output capacitors must supply or
sink load current while the current in the output inductors
increases or decreases to meet the demand.
In high-speed converters, the output capacitor bank is usually
the most costly (and often the largest) part of the circuit.
Output filter design begins with minimizing the cost of this part
of the circuit. The critical load parameters in choosing the
output capacitors are the maximum size of the load step,
I,
the load-current slew rate, di/dt, and the maximum allowable
output-voltage deviation under transient loading,
VMAX.
Capacitors are characterized according to their capacitance,
ESR, and ESL (equivalent series inductance).
At the beginning of the load transient, the output capacitors
supply all of the transient current. The output voltage will
initially deviate by an amount approximated by the voltage
drop across the ESL. As the load current increases, the
voltage drop across the ESR increases linearly until the load
current reaches its final value. The capacitors selected must
FIGURE 17. COMPENSATION CONFIGURATION FOR
LOAD-LINE REGULATED ISL6565A, ISL6565B
CIRCUIT
COMP
CC
RC
RFB
FB
VDIFF
-
+
VDROOP
C2 (OPTIONAL)
1
2
 LC
------------------- f0
>
RC
RFB
2
f
0Vpp LC
0.75VIN
------------------------------------
=
CC
0.75VIN
2
V
PPRFBf0
------------------------------------
=
Case 1:
1
2
 LC
------------------- f0
1
2
C ESR

------------------------------
<
RC
RFB
VPP 2
2 f
0
2 LC
0.75 VIN
--------------------------------------------
=
CC
0.75VIN
2
2 f
0
2 V
PPRFB LC
-------------------------------------------------------------
=
Case 2:
(EQ. 40)
f0
1
2
C ESR

------------------------------
>
RC
RFB
2
 f
0VppL
0.75 VIN ESR

------------------------------------------
=
CC
0.75VIN ESR
 C
2
V
PPRFBf0 L
-------------------------------------------------
=
Case 3:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com