Electronic Components Datasheet Search
  English  ▼

X  

ISL6565BCB Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ISL6565BCB
Description  Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6565BCB Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ISL6565BCB Datasheet HTML 20Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 21Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 22Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 23Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 24Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 25Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 26Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 27Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 28Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ISL6565A, ISL6565B
FN9135 Rev 4.00
Page 24 of 28
Dec 1, 2005
have sufficiently low ESL and ESR so that the total output-
voltage deviation is less than the allowable maximum.
Neglecting the contribution of inductor current and regulator
response, the output voltage initially deviates by an amount
The filter capacitor must have sufficiently low ESL and ESR
so that
V < VMAX.
Most capacitor solutions rely on a mixture of high-frequency
capacitors with relatively low capacitance in combination
with bulk capacitors having high capacitance but limited
high-frequency performance. Minimizing the ESL of the
high-frequency capacitors allows them to support the output
voltage as the current increases. Minimizing the ESR of the
bulk capacitors allows them to supply the increased current
with less output voltage deviation.
The ESR of the bulk capacitors also creates the majority of
the output-voltage ripple. As the bulk capacitors sink and
source the inductor AC ripple current (see Interleaving and
Equation 2), a voltage develops across the bulk-capacitor
ESR equal to IC,PP(ESR). Thus, once the output capacitors
are selected, the maximum allowable ripple voltage,
VPP(MAX), determines the lower limit on the inductance.
Since the capacitors are supplying a decreasing portion of
the load current while the regulator recovers from the
transient, the capacitor voltage becomes slightly depleted.
The output inductors must be capable of assuming the entire
load current before the output voltage decreases more than
VMAX. This places an upper limit on inductance.
Equation 43 gives the upper limit on L for the cases when
the trailing edge of the current transient causes a greater
output-voltage deviation than the leading edge. Equation 44
addresses the leading edge. Normally, the trailing edge
dictates the selection of L because duty cycles are usually
less than 50%. Nevertheless, both inequalities should be
evaluated, and L should be selected based on the lower of
the two results. In each equation, L is the per-channel
inductance, C is the total output capacitance, and N is the
number of active channels.
Input Supply Voltage Selection
The VCC input of the ISL6565 can be connected either
directly to a +5V supply or through a current limiting resistor to
a +12V supply. An integrated 5.8V shunt regulator maintains
the voltage on the VCC pin when a +12V supply is used. A
300
 resistor is suggested for limiting the current into the
VCC pin to a worst-case maximum of approximately 25mA.
Switching Frequency
There are a number of variables to consider when choosing
the switching frequency, as there are considerable effects on
the upper-MOSFET loss calculation. These effects are
outlined in MOSFETs, and they establish the upper limit for
the switching frequency. The lower limit is established by the
requirement for fast transient response and small output-
voltage ripple as outlined in Output Filter Design. Choose the
lowest switching frequency that allows the regulator to meet
the transient-response requirements.
Switching frequency is determined by the selection of the
frequency-setting resistor, RT (see the figures labeled
Typical Application
on pages 5 and 6). Figure 18 and
Equation 45 are provided to assist in selecting the correct
value for RT.
Input Capacitor Selection
The input capacitors are responsible for sourcing the AC
component of the input current flowing into the upper
MOSFETs. Their RMS current capacity must be sufficient to
handle the AC component of the current drawn by the upper
MOSFETs which is related to duty cycle and the number of
active phases.
V
ESL
 di
dt
-----
ESR
 I
+
(EQ. 41)
L
ESR

VIN NVOUT
–

 V
OUT
fSVINVPP MAX

------------------------------------------------------------
(EQ. 42)
L
2NCVO
I
2
---------------------
V
MAX
I ESR

–
(EQ. 43)
L
1.25
NC
I
2
--------------------------
V
MAX
I ESR

–
VIN VO
–


(EQ. 44)
RT
10
10.7 1.045
fS

log
–

=
(EQ. 45)
FIGURE 18. RT vs SWITCHING FREQUENCY
SWITCHING FREQUENCY (kHz)
1000
100
10
10
100
1000
10000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com