Electronic Components Datasheet Search
  English  ▼

X  

ISL6565BCB Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ISL6565BCB
Description  Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6565BCB Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ISL6565BCB Datasheet HTML 13Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 14Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 15Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 16Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 17Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 18Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 19Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 20Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ISL6565A, ISL6565B
FN9135 Rev 4.00
Page 17 of 28
Dec 1, 2005
2. The voltage on EN must be above 1.31V. The EN input
allows for power sequencing between the controller bias
voltage and another voltage rail. The enable comparator
holds the ISL6565A, ISL6565B in shutdown until the
voltage at EN rises above 1.31V. The enable comparator
has about 100mV of hysteresis to prevent bounce. It is
important that the driver ICs reach their POR level before
the ISL6565A, ISL6565B becomes enabled. The
schematic in Figure 11 demonstrates sequencing the
ISL6565A, ISL6565B with the HIP660X family of Intersil
MOSFET drivers, which require 12V bias.
3. The voltage on ENLL must be logic high to enable the
controller. This pin is typically connected to the
VID_PGOOD.
4. The VID code must not be 111111 or 111110. These codes
signal the controller that no load is present. The controller
will enter shut-down mode after receiving either of these
codes and will execute soft-start upon receiving any other
code. These codes can be used to enable or disable the
controller but it is not recommended. After receiving one
of these codes, the controller executes a 2-cycle delay
before changing the overvoltage trip level to the shut-
down level and disabling PWM. Overvoltage shutdown
cannot be reset using one of these codes.
When each of these conditions is true, the controller
immediately begins the soft-start sequence.
Soft-Start
During soft-start, the DAC voltage ramps linearly from zero
to the programmed VID level. The PWM signals remain in
the high-impedance state until the controller detects that the
ramping DAC level has reached the output-voltage level.
This protects the system against the large, negative inductor
currents that would otherwise occur when starting with a pre-
existing charge on the output as the controller attempted to
regulate to 0V at the beginning of the soft-start cycle. The
soft-start time, tSS, begins with a delay period equal to 64
switching cycles followed by a linear ramp with a rate
determined by the switching period, 1/fSW.
For example, a regulator with a 250kHz switching frequency,
having VID set to 1.35V, has tSS equal to 6.912ms.
A 100mV offset exists on the remote-sense amplifier at the
beginning of soft-start and ramps to zero during the first 640
cycles of soft-start (704 cycles following enable). This
prevents the large inrush current that would otherwise occur
should the output voltage start out with a slight negative
bias.
During the first 640 cycles of soft-start (704 cycles following
enable) the DAC voltage increments the reference in 25mV
steps. The remainder of soft-start sees the DAC ramping
with 12.5mV steps.
Fault Monitoring and Protection
The ISL6565A, ISL6565B actively monitors output voltage
and current to detect fault conditions. Fault monitors trigger
protective measures to prevent damage to a microprocessor
load. One common power good indicator is provided for
linking to external system monitors. The schematic in
Figure 13 outlines the interaction between the fault monitors
and the power good signal.
FIGURE 11. POWER SEQUENCING USING THRESHOLD-
SENSITIVE ENABLE (EN) FUNCTION
-
+
1.24V
EXTERNAL CIRCUIT
ISL6565A, ISL6565B INTERNAL CIRCUIT
EN
+12V
POR
CIRCUIT
10.7k
1.40k
ENABLE
COMPARATOR
SOFT-START
AND
FAULT LOGIC
ENLL
VCC
tSS
64 1280 VID
+
fSW
-----------------------------------------
=
(EQ. 19)
FIGURE 12. SOFT-START WAVEFORMS WITH AN UN-BIASED
OUTPUT. FSW = 500kHz
VOUT, 500mV/DIV
EN, 5V/DIV
500ms/DIV
2ms/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com