Electronic Components Datasheet Search
  English  ▼

X  

ISL6565BCB Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL6565BCB
Description  Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6565BCB Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL6565BCB Datasheet HTML 16Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 17Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 18Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 19Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 20Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 21Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 22Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 23Page - Renesas Technology Corp ISL6565BCB Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ISL6565A, ISL6565B
FN9135 Rev 4.00
Page 20 of 28
Dec 1, 2005
the required time for this commutation is t1 and the
approximated associated power loss is PUP,1.
At turn on, the upper MOSFET begins to conduct and this
transition occurs over a time t2. In Equation 23, the
approximate power loss is PUP,2.
A third component involves the lower MOSFET’s reverse-
recovery charge, Qrr. Since the inductor current has fully
commutated to the upper MOSFET before the lower-
MOSFET’s body diode can recover all of Qrr, it is conducted
through the upper MOSFET across VIN. The power
dissipated as a result is PUP,3.
Finally, the resistive part of the upper MOSFETs is given in
Equation 25 as PUP,4.
The total power dissipated by the upper MOSFET at full load
can now be approximated as the summation of the results
from Equations 22, 23, 24 and 25. Since the power
equations depend on MOSFET parameters, choosing the
correct MOSFETs can be an iterative process involving
repetitive solutions to the loss equations for different
MOSFETs and different switching frequencies.
Current Sensing Component Selection
The ISL6565A supports MOSFET rDS(ON) current sensing,
while the ISL6565B uses inductor DCR current sensing. The
procedures for choosing the components for each method of
current sensing are very different and are described in the
next two sections.
MOSFET rDS(ON) SENSING (ISL6565A ONLY)
The ISL6565A senses the channel load current by sampling
the voltage across the lower MOSFET rDS(ON), as shown in
Figure 15. The ISEN pins are denoted ISEN1, ISEN2, and
ISEN3. The resistors connected between these pins and the
respective phase nodes determine the gains in the load-line
regulation loop and the channel-current balance loop as well
as setting the overcurrent trip point.
Select values for these resistors based on the room
temperature rDS(ON) of the lower MOSFETs; the full-load
operating current, IFL; and the number of phases, N using
Equation 26.
In certain circumstances, it may be necessary to adjust the
value of one or more ISEN resistor. When the components of
one or more channels are inhibited from effectively dissipating
their heat so that the affected channels run hotter than
desired, choose new, smaller values of RISEN for the affected
phases (see the section entitled Voltage Regulation). Choose
RISEN,2 in proportion to the desired decrease in temperature
rise in order to cause proportionally less current to flow in the
hotter phase.
In Equation 27, make sure that
T2 is the desired temperature
rise above the ambient temperature, and
T1 is the measured
temperature rise above the ambient temperature. While a
single adjustment according to Equation 27 is usually
sufficient, it may occasionally be necessary to adjust RISEN
two or more times to achieve optimal thermal balance
between all channels.
INDUCTOR DCR SENSING (ISL6565B ONLY)
The ISL6565B senses the channel load current by sampling
the voltage across the output inductor DCR, as described in
the Current Sensing section. As Figure 16 illustrates, an R-C
network across the inductor is required to sense the channel
current accurately.
PUP 1, VIN
IM
N
------
IPP
2
---------
+

 t1
2
----



fS
(EQ. 22)
PUP 2
,
VIN
IM
N
------
IPP
2
---------
–

 t2
2
----



fS
(EQ. 23)
PUP 2
,
VIN
IM
N
------
IPP
2
---------
–

 t2
2
----



fS
PUP 3,
VIN Qrr fS
=
(EQ. 24)
PUP 4, rDS ON

IM
N
------


 2
d
IPP
2
12
----------
+
(EQ. 25)
FIGURE 15. ISL6565A INTERNAL AND EXTERNAL CURRENT-
SENSING CIRCUITRY
ISEN(n)
RISEN
VIN
CHANNEL N
UPPER MOSFET
CHANNEL N
LOWER MOSFET
-
+
IL rDS ON

IL
ISL6565A
RISEN
rDS ON

70 10 6
–
-----------------------
IFL
N
--------
=
(EQ. 26)
RISEN 2,
RISEN
T
2
T
1
----------
=
(EQ. 27)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com