Electronic Components Datasheet Search
  English  ▼

X  

DLPC3479 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3479
Description  Display and Light Controller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3479 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DLPC3479 Datasheet HTML 28Page - Texas Instruments DLPC3479 Datasheet HTML 29Page - Texas Instruments DLPC3479 Datasheet HTML 30Page - Texas Instruments DLPC3479 Datasheet HTML 31Page - Texas Instruments DLPC3479 Datasheet HTML 32Page - Texas Instruments DLPC3479 Datasheet HTML 33Page - Texas Instruments DLPC3479 Datasheet HTML 34Page - Texas Instruments DLPC3479 Datasheet HTML 35Page - Texas Instruments DLPC3479 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
32
DLPC3479
DLPS112 – JUNE 2018
www.ti.com
Product Folder Links: DLPC3479
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
NOTE
VSYNC_WE must remain active at all times (in lock-to-VSYNC mode) or the display
sequencer will stop and cause the LEDs to be turned off.
8.3.2 Serial Flash Interface
The DLPC3479 uses an external SPI serial flash memory device for configuration support. The minimum
required size is dependent on the desired minimum number of sequences, CMT tables, and splash options while
the maximum supported size is 64 Mb.
For access to flash, the DLPC3479 uses a single SPI interface operating at a programmable frequency
complying to industry standard SPI flash protocol. The programmable SPI frequency is defined to be equal to
180 MHz/N, where N is a programmable value between 5 to 127 providing a range from 36.0 to 1.41732 MHz.
Note that this results in a relatively large frequency step size in the upper range (for example, 36 MHz, 30 MHz,
25.7 MHz, 22.5 MHz, and so forth) and thus this must be taken into account when choosing a flash device.
The DLPC3479 supports two independent SPI chip selects; however, the flash must be connected to SPI chip
select zero (SPI0_CSZ0) because the boot routine is only executed from the device connected to chip select
zero (SPI0_CSZ0). The boot routine uploads program code from flash to program memory, then transfers control
to an auto-initialization routine within program memory. The DLPC3479 asserts the HOST_IRQ output signal
high while auto-initialization is in progress, then drives it low to signal its completion to the host processor. Only
after auto-initialization is complete will the DLPC3479 be ready to receive commands through I2C.
The DLPC3479 supports flash devices that are compatible with the modes of operation, features, and
performance as defined in Table 3 and Table 4.
Table 3. SPI Flash Required Features or Modes of Operation
Feature
DLPC3479 Requirement
SPI interface width
Single
SPI protocol
SPI mode 0
Fast READ addressing
Auto-incrementing
Programming mode
Page mode
Page size
256 B
Sector size
4 kB sector
Block size
Any size
Block protection bits
0 = Disabled
Status register bit(0)
Write in progress (WIP, also called flash busy)
Status register bit(1)
Write enable latch (WEN)
Status register bits(6:2)
A value of 0 disables programming protection
Status register bit(7)
Status register write protect (SRWP)
Status register bits(15:8)
(that is expansion status byte)
The DLPC3479 only supports single-byte status register R/W command execution, and thus may not be
compatible with flash devices that contain an expansion status byte. However, as long as the expansion
status byte is considered optional in the byte 3 position and any write protection control in this expansion
status byte defaults to unprotected, then the device is compatible with the DLPC3479.
To support flash devices with program protection defaults of either enabled or disabled, the DLPC3479 always
assumes the device default is enabled and goes through the process of disabling protection as part of the boot-
up process. This process consists of:
•
A write enable (WREN) instruction executed to request write enable, followed by
•
A read status register (RDSR) instruction is then executed (repeatedly as needed) to poll the write enable
latch (WEL) bit
•
After the write enable latch (WEL) bit is set, a write status register (WRSR) instruction is executed that writes
0 to all 8-bits (this disables all programming protection)
Prior to each program or erase instruction, the DLPC3479 issues:
•
A write enable (WREN) instruction to request write enable, followed by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com