Electronic Components Datasheet Search
  English  ▼

X  

DLPC3479 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3479
Description  Display and Light Controller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3479 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DLPC3479 Datasheet HTML 35Page - Texas Instruments DLPC3479 Datasheet HTML 36Page - Texas Instruments DLPC3479 Datasheet HTML 37Page - Texas Instruments DLPC3479 Datasheet HTML 38Page - Texas Instruments DLPC3479 Datasheet HTML 39Page - Texas Instruments DLPC3479 Datasheet HTML 40Page - Texas Instruments DLPC3479 Datasheet HTML 41Page - Texas Instruments DLPC3479 Datasheet HTML 42Page - Texas Instruments DLPC3479 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
39
DLPC3479
www.ti.com
DLPS112 – JUNE 2018
Product Folder Links: DLPC3479
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Timing parameter C is always the sum of B+D.
Table 7. 3D DLP Link Nominal Timing Table(1)
HDMI SOURCE REFERENCE
(Hz)
3D DMD SEQUENCE RATE
(Hz)
A
(µs)
B
(µs)
C
(µs)
D
(µs)
E
(µs)
49.0
98
31.8
>500
>622
161.6
>2000
50.0
100
31.2
>500
>658
158.4
>2000
51.0
102
30.6
>500
>655
155.3
>2000
59.0
118
26.4
>500
>634
134.2
>2000
60.0
120
26.0
>500
>632
132.0
>2000
61.0
122
25.6
>500
>630
129.8
>2000
(1)
Timing parameter C is always the sum of B+D.
Table 8. 3D DLP Link Min/Max Timing Table(1)
HDMI SOURCE REFERENCE
(Hz)
3D DMD SEQUENCE RATE
(Hz)
A
(µs)
B
(µs)
C
(µs)
D
(µs)
E
(µs)
49.0
98
20-32
>500
>628
128-163
>2000
50.0
100
20-32
>500
>628
128-163
>2000
51.0
102
20-32
>500
>628
128-163
>2000
59.0
118
20-32
>500
>628
128-163
>2000
60.0
120
20-32
>500
>628
128-163
>2000
61.0
122
20-32
>500
>628
128-163
>2000
8.3.10 DMD (Sub-LVDS) Interface
The DLPC3479 ASIC DMD interface consists of a HS 1.8-V sub-LVDS output only interface with a maximum
clock speed of 600-MHz DDR and a LS SDR (1.8-V LVCMOS) interface with a fixed clock speed of 120 MHz.
Table 9 shows how the 8 sub-LVDS lanes are configured for the DLP4710 (.47 1080p) DMD.
Table 9. DLP4710 (.47 1080p) DMD – ASIC to 8-Lane DMD Pin Mapping
DLPC3479 ASIC 8 LANE DMD ROUTING OPTION #1
MASTER DLPC3479 PINS
SLAVE DLPC3479 PINS
DMD PINS
HS_WDATA_D_P
HS_WDATA_D_N
HS_WDATA_E_P
HS_WDATA_E_N
Input DATA_p_0
Input DATA_n_0
HS_WDATA_C_P
HS_WDATA_C_N
HS_WDATA_F_P
HS_WDATA_F_N
Input DATA_p_1
Input DATA_n_1
HS_WDATA_B_P
HS_WDATA_B_N
HS_WDATA_G_P
HS_WDATA_G_N
Input DATA_p_2
Input DATA_n_2
HS_WDATA_A_P
HS_WDATA_A_N
HS_WDATA_H_P
HS_WDATA_H_N
Input DATA_p_3
Input DATA_n_3
HS_WDATA_H_P
HS_WDATA_H_N
HS_WDATA_A_P
HS_WDATA_A_N
Input DATA_p_4
Input DATA_n_4
HS_WDATA_G_P
HS_WDATA_G_N
HS_WDATA_B_P
HS_WDATA_B_N
Input DATA_p_5
Input DATA_n_5
HS_WDATA_F_P
HS_WDATA_F_N
HS_WDATA_C_P
HS_WDATA_C_N
Input DATA_p_6
Input DATA_n_6
HS_WDATA_E_P
HS_WDATA_E_N
HS_WDATA_D_P
HS_WDATA_D_N
Input DATA_p_7
Input DATA_n_7
DLPC3479 ASIC 8 LANE DMD ROUTING OPTION #2
MASTER DLPC3479 PINS
SLAVE DLPC3479 PINS
DMD PINS
HS_WDATA_E_P
HS_WDATA_E_N
HS_WDATA_D_P
HS_WDATA_D_N
Input DATA_p_0
Input DATA_n_0
HS_WDATA_F_P
HS_WDATA_F_N
HS_WDATA_C_P
HS_WDATA_C_N
Input DATA_p_1
Input DATA_n_1
HS_WDATA_G_P
HS_WDATA_G_N
HS_WDATA_B_P
HS_WDATA_B_N
Input DATA_p_2
Input DATA_n_2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com