Electronic Components Datasheet Search
  English  ▼

X  

DLPC3479 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3479
Description  Display and Light Controller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3479 Datasheet(HTML) 46 Page - Texas Instruments

Back Button DLPC3479 Datasheet HTML 42Page - Texas Instruments DLPC3479 Datasheet HTML 43Page - Texas Instruments DLPC3479 Datasheet HTML 44Page - Texas Instruments DLPC3479 Datasheet HTML 45Page - Texas Instruments DLPC3479 Datasheet HTML 46Page - Texas Instruments DLPC3479 Datasheet HTML 47Page - Texas Instruments DLPC3479 Datasheet HTML 48Page - Texas Instruments DLPC3479 Datasheet HTML 49Page - Texas Instruments DLPC3479 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
PARKZ
PLL_REFCLK
RESETZ
I2C (activity)
HOST_IRQ
VDD_PLLM/D
(1.1 V)
VDD
(1.1 V)
VCC18
(1.8 V)
VDDLP12
(if not tied to VDD)
PROJ_ON input
(GPIO_8)
VCC_INTF
(1.8 to 3.3 V)
VCC_FLSH
(1.8 to 3.3 V)
0 µs (min)
t1
t2
t3
t4
0 µs (min)
500 ms (min)
(a)
5 ms (min)
0 µs (min)
0 µs (max)
(b)
t6
t9
t8
t7
t5
0 µs (min)
(c)
32 µs (min)
(d)
(e)
46
DLPC3479
DLPS112 – JUNE 2018
www.ti.com
Product Folder Links: DLPC3479
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
System Power-Up and Power-Down Sequence (continued)
t1: HOST_IRQ is driven high when power and RESETZ are applied to indicate the controller is not ready for
operation, and then is driven low after initialization is complete initialization is complete
t2: all supplies reach 95% of their specified nominal values.
t4: I2C access can start immediately after HOST_IRQ goes low (this should occur within 500 ms from the release of
RESETZ)
t6: I2C activity must cease immediately upon active low assertion of PARKZ T9 HOST_IRQ is pulled high immediately
after RESETZ is asserted low.
t8: All power supplies reach 95% of their specified nominal values.
t9: HOST_IRQ is pulled high immediately after RESETZ is asserted low.
(a) PLL_REFCLK may be active before power is applied.
(b) PARKZ must be set high a minimum of 0 µs before RESETZ is released to support auto-initialization.
(c) VCC18 must remain ON long enough to satisfy DMD power sequencing requirements defined in the DLPA2000
specification.
(d) PARKZ must be set low a minimum of 32 µs before any power is removed (except VDDLP12), before
PLL_REFCLK is stopped and before RESETZ is asserted low to allow time for the DMD mirrors to be parked.
(e) PLL_REFCLK must become stable within 5 ms of all power being applied (for external oscillator application this is
oscillator dependent and for crystal applications this is crystal and ASIC oscillator cell dependent).
Figure 26. DLPC3479 Power-Up/PARKZ = 0 Initiated Fast PARK and Power-Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com