Electronic Components Datasheet Search
  English  ▼

X  

DLPC3479 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3479
Description  Display and Light Controller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3479 Datasheet(HTML) 43 Page - Texas Instruments

Back Button DLPC3479 Datasheet HTML 39Page - Texas Instruments DLPC3479 Datasheet HTML 40Page - Texas Instruments DLPC3479 Datasheet HTML 41Page - Texas Instruments DLPC3479 Datasheet HTML 42Page - Texas Instruments DLPC3479 Datasheet HTML 43Page - Texas Instruments DLPC3479 Datasheet HTML 44Page - Texas Instruments DLPC3479 Datasheet HTML 45Page - Texas Instruments DLPC3479 Datasheet HTML 46Page - Texas Instruments DLPC3479 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 61 page
background image
LED CURRENT (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D001
43
DLPC3479
www.ti.com
DLPS112 – JUNE 2018
Product Folder Links: DLPC3479
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Application (continued)
9.2.1 Design Requirements
A high accuracy 3D depth capture product is created by using a DLP chipset comprised of DLP4710 DMD,
2xDLPC3479 controller and DLPA3000 PMIC/LED drive. The DLPC3479 simplifies the pattern generation, the
DLPA300 provides the needed analog functions and DMD displays the required patterns for accurate 3D depth
capture. In addition to the three DLP devices in the chipset, other components may be required to complete the
application. Minimally, a flash component is required to store patterns, the software, and the firmware in order to
control the DLPC3479 controller. DLPC3479 controller supports any illumination source including IR light source
(LEDs or VCSEL), UV light source or visible light source (Red, Green or Blue LEDs or lasers).
I2C should be connected to the host processor for sending commands to the DLPC3479. The only power
supplies needed external to the projector are the battery (SYSPWR) and a regulated 1.8-V supply. A single
signal (PROJ_ON) controls the entire DLP system power. When PROJ_ON is high, the DLP system turns on and
when PROJ_ON is low, the DLPC3479 turns off and draws only a few microamperes of current on SYSPWR.
When PROJ_ON is low, the 1.8-V power supply can remain at 1.8 V for use by other sub systems. When
PROJ_ON is low, the DLPA3000 draws no current on the 1.8-V supply.
9.2.2 Detailed Design Procedure
For connecting together the DLP4710 (.47 1080p) DMD, the 2xDLPC3479 controller, and the DLPA3000 or
DLPA3005 device PMIC/LED driver, see the reference design schematic. When a circuit board layout is created
from this schematic, a very small circuit board is possible. An example small board layout is included in the
reference design data base. Follow the layout guidelines to achieve a reliable system.
9.2.3 Application Curve
As the LED currents that are driven time-sequentially through the red, green, and blue LEDs are increased, the
brightness of the projector increases. This increase is somewhat non-linear, and the curve for typical white
screen lumens changes with LED currents is shown in Figure 24 when using the DLPA3000 or DLPA3005
device . For the LED currents shown, it is assumed that the same current amplitude is applied to the red, green,
and blue LEDs.
Figure 24. Luminance vs Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com