Electronic Components Datasheet Search
  English  ▼

X  

DLPC3479 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3479
Description  Display and Light Controller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3479 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLPC3479 Datasheet HTML 9Page - Texas Instruments DLPC3479 Datasheet HTML 10Page - Texas Instruments DLPC3479 Datasheet HTML 11Page - Texas Instruments DLPC3479 Datasheet HTML 12Page - Texas Instruments DLPC3479 Datasheet HTML 13Page - Texas Instruments DLPC3479 Datasheet HTML 14Page - Texas Instruments DLPC3479 Datasheet HTML 15Page - Texas Instruments DLPC3479 Datasheet HTML 16Page - Texas Instruments DLPC3479 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
13
DLPC3479
www.ti.com
DLPS112 – JUNE 2018
Product Folder Links: DLPC3479
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table 1. I/O Type Subscript Definition
I/O
SUPPLY REFERENCE
ESD STRUCTURE
SUBSCRIPT
DESCRIPTION
1
1.8-V LVCMOS I/O buffer with 8-mA drive
VCC18
ESD diode to GND and supply rail
2
1.8-V LVCMOS I/O buffer with 4-mA drive
VCC18
ESD diode to GND and supply rail
3
1.8-V LVCMOS I/O buffer with 24-mA drive
VCC18
ESD diode to GND and supply rail
4
1.8-V sub-LVDS output with 4-mA drive
VCC18
ESD diode to GND and supply rail
5
1.8-, 2.5-, 3.3-V LVCMOS with 4-mA drive
VCC_INTF
ESD diode to GND and supply rail
6
1.8-V LVCMOS input
VCC18
ESD diode to GND and supply rail
7
1.8-, 2.5-, 3.3-V I2C with 3-mA drive
VCC_INTF
ESD diode to GND and supply rail
8
1.8-V I2C with 3-mA drive
VCC18
ESD diode to GND and supply rail
9
1.8-, 2.5-, 3.3-V LVCMOS with 8-mA drive
VCC_INTF
ESD diode to GND and supply rail
11
1.8, 2.5, 3.3-V LVCMOS input
VCC_INTF
ESD diode to GND and supply rail
12
1.8-, 2.5-, 3.3-V LVCMOS input
VCC_FLSH
ESD diode to GND and supply rail
13
1.8-, 2.5-, 3.3-V LVCMOS with 8-mA drive
VCC_FLSH
ESD diode to GND and supply rail
(1)
The resistance is dependent on the supply voltage level applied to the I/O.
(2)
An external 8-kΩ pullup or pulldown (if needed) would work for any voltage condition to correctly pull enough to override any associated
internal pullups or pulldowns.
Table 2. Internal Pullup and Pulldown Characteristics(1)(2)
INTERNAL PULLUP AND PULLDOWN RESISTOR
CHARACTERISTICS
VCCIO
MIN
MAX
UNIT
Weak pullup resistance
3.3 V
29
63
kΩ
2.5 V
38
90
kΩ
1.8 V
56
148
kΩ
Weak pulldown resistance
3.3 V
30
72
kΩ
2.5 V
36
101
kΩ
1.8 V
52
167
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com