Electronic Components Datasheet Search
  English  ▼

X  

DLPC3479 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3479
Description  Display and Light Controller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3479 Datasheet(HTML) 49 Page - Texas Instruments

Back Button DLPC3479 Datasheet HTML 45Page - Texas Instruments DLPC3479 Datasheet HTML 46Page - Texas Instruments DLPC3479 Datasheet HTML 47Page - Texas Instruments DLPC3479 Datasheet HTML 48Page - Texas Instruments DLPC3479 Datasheet HTML 49Page - Texas Instruments DLPC3479 Datasheet HTML 50Page - Texas Instruments DLPC3479 Datasheet HTML 51Page - Texas Instruments DLPC3479 Datasheet HTML 52Page - Texas Instruments DLPC3479 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
49
DLPC3479
www.ti.com
DLPS112 – JUNE 2018
Product Folder Links: DLPC3479
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Layout Guidelines (continued)
11.1.2 DLPC3479 Reference Clock
The DLPC3479 requires an external reference clock to feed its internal PLL. A crystal oscillator can supply this
reference. For flexibility, the DLPC3479 accepts either of two reference clock frequencies, but both must have a
maximum frequency variation of ±200 ppm (including aging, temperature, and trim component variation).
The two DLPC3479 devices require a single dedicated oscillator where the oscillator output drives both
DLPC3479 devices. The oscillator must drive the PLL_REFCLK_I pin on each DLPC3479. Leave the
PLL_REFCLK_O pins unconencted.
The external oscillator must be able to drive at least a 15-pF load. Routing length from the oscillator to each
DLPC3479 should be closely matched.
11.1.3 General PCB Recommendations
TI recommends 1-oz. copper planes in the PCB design to achieve needed thermal connectivity.
11.1.4 General Handling Guidelines for Unused CMOS-Type Pins
To avoid potentially damaging current caused by floating CMOS input-only pins, TI recommends that unused
ASIC input pins be tied through a pullup resistor to its associated power supply or a pulldown to ground. For
ASIC inputs with an internal pullup or pulldown resistors, it is unnecessary to add an external pullup or pulldown
unless specifically recommended. Note that internal pullup and pulldown resistors are weak and should not be
expected to drive the external line. The DLPC3479 implements very few internal resistors and these are noted in
the pin list. When external pullup or pulldown resistors are needed for pins that have built-in weak pullups or
pulldowns, use the value 8 kΩ (max).
Unused output-only pins should never be tied directly to power or ground, but can be left open.
When possible, TI recommends that unused bidirectional I/O pins be configured to their output state such that
the pin can be left open. If this control is not available and the pins may become an input, then they should be
pulled-up (or pulled-down) using an appropriate, dedicated resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com