Electronic Components Datasheet Search
  English  ▼

X  

AMC1302 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1302
Description  Precision, Reinforced Isolated Amplifier With High CMTI, Input Voltage Range of 짹50 mV, and High Bandwidth of 300 kHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1302 Datasheet(HTML) 2 Page - Texas Instruments

  AMC1302 Datasheet HTML 1Page - Texas Instruments AMC1302 Datasheet HTML 2Page - Texas Instruments AMC1302 Datasheet HTML 3Page - Texas Instruments AMC1302 Datasheet HTML 4Page - Texas Instruments AMC1302 Datasheet HTML 5Page - Texas Instruments AMC1302 Datasheet HTML 6Page - Texas Instruments AMC1302 Datasheet HTML 7Page - Texas Instruments AMC1302 Datasheet HTML 8Page - Texas Instruments AMC1302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
AMC1302
SBAS812 – JUNE 2018
www.ti.com
Product Folder Links: AMC1302
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 5
6.5
Power Ratings........................................................... 5
6.6
Insulation Specifications............................................ 6
6.7
Safety-Related Certifications..................................... 7
6.8
Safety Limiting Values .............................................. 7
6.9
Electrical Characteristics........................................... 7
6.10
Switching Characteristics ........................................ 9
6.11
Insulation Characteristics Curves ......................... 10
7
Detailed Description ............................................ 11
7.1
Overview ................................................................. 11
7.2
Functional Block Diagram ....................................... 11
7.3
Feature Description................................................. 12
7.4
Device Functional Modes........................................ 14
8
Application and Implementation ........................ 15
8.1
Application Information............................................ 15
8.2
Typical Application .................................................. 15
8.3
Do's and Don'ts ...................................................... 16
9
Power Supply Recommendations ...................... 17
10
Layout................................................................... 18
10.1
Layout Guidelines ................................................. 18
10.2
Layout Example .................................................... 18
11
Device and Documentation Support ................. 19
11.1
Documentation Support ....................................... 19
11.2
Receiving Notification of Documentation Updates 19
11.3
Community Resources.......................................... 19
11.4
Trademarks ........................................................... 19
11.5
Electrostatic Discharge Caution ............................ 19
11.6
Glossary ................................................................ 19
12
Mechanical, Packaging, and Orderable
Information ........................................................... 19
4 Revision History
DATE
REVISION
NOTES
June 2018
*
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com