Electronic Components Datasheet Search
  English  ▼

X  

AMC1302 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1302
Description  Precision, Reinforced Isolated Amplifier With High CMTI, Input Voltage Range of 짹50 mV, and High Bandwidth of 300 kHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1302 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC1302 Datasheet HTML 7Page - Texas Instruments AMC1302 Datasheet HTML 8Page - Texas Instruments AMC1302 Datasheet HTML 9Page - Texas Instruments AMC1302 Datasheet HTML 10Page - Texas Instruments AMC1302 Datasheet HTML 11Page - Texas Instruments AMC1302 Datasheet HTML 12Page - Texas Instruments AMC1302 Datasheet HTML 13Page - Texas Instruments AMC1302 Datasheet HTML 14Page - Texas Instruments AMC1302 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TX
Retiming and
4
th order
active
low-pass filter
û -Modulator
Bandgap
Reference
OUTP
OUTN
GND1
AMC1302
RX
RX
TX
Data
CLK
VDD2
GND2
Bandgap
Reference
Oscillator
INP
INN
Reinforced
Isolation
Barrier
VCM
Diagnostic
VDD1
VDD1
Detection
11
AMC1302
www.ti.com
SBAS812 – JUNE 2018
Product Folder Links: AMC1302
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The AMC1302 is a fully-differential, precision, isolated amplifier. The input stage of the device consists of a fully-
differential amplifier that drives a second-order, delta-sigma (ΔΣ) modulator. The modulator uses the internal
voltage reference and clock generator to convert the analog input signal to a digital bitstream. The drivers (called
TX in the Functional Block Diagram) transfer the output of the modulator across the isolation barrier that
separates the high-side and low-side voltage domains. The received bitstream and clock are synchronized and
processed by a fourth-order analog filter on the low-side and presented as a differential output of the device.
The SiO2-based, double-capacitive isolation barrier supports a high level of magnetic field immunity, as described
in ISO72x Digital Isolator Magnetic-Field Immunity. The digital modulation used in the AMC1302 (see also the
Isolation Channel Signal Transmission section for more details) and the isolation barrier characteristics result in
high reliability and common-mode transient immunity.
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com