Electronic Components Datasheet Search
  English  ▼

X  

AMC1302 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1302
Description  Precision, Reinforced Isolated Amplifier With High CMTI, Input Voltage Range of 짹50 mV, and High Bandwidth of 300 kHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1302 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC1302 Datasheet HTML 9Page - Texas Instruments AMC1302 Datasheet HTML 10Page - Texas Instruments AMC1302 Datasheet HTML 11Page - Texas Instruments AMC1302 Datasheet HTML 12Page - Texas Instruments AMC1302 Datasheet HTML 13Page - Texas Instruments AMC1302 Datasheet HTML 14Page - Texas Instruments AMC1302 Datasheet HTML 15Page - Texas Instruments AMC1302 Datasheet HTML 16Page - Texas Instruments AMC1302 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
TX IN
Carrier Signal Across
the Isolation Barrier
RX OUT
TX IN
Oscillator
OOK
Modulation
Transmitter
TX Signal
Conditioning
Envelope
Detection
RX Signal
Conditioning
Receiver
RX OUT
SiO2-Based
Capacitive
Reinforced
Isolation
Barrier
13
AMC1302
www.ti.com
SBAS812 – JUNE 2018
Product Folder Links: AMC1302
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
7.3.2 Isolation Channel Signal Transmission
The AMC1302 uses an on-off keying (OOK) modulation scheme to transmit the modulator output bitstream
across the SiO2-based isolation barrier. As shown in Figure 6, the transmitter modulates the bitstream at TX IN
with an internally-generated, high-frequency carrier across the isolation barrier to represent a digital one and
does not send a signal to represent the digital zero. The nominal frequency of the carrier used inside the
AMC1302 is 480 MHz.
The receiver demodulates the signal after advanced signal conditioning and produces the output. The AMC1302
also incorporates advanced circuit techniques to maximize the CMTI performance and minimize the radiated
emissions caused by the high-frequency carrier and IO buffer switching.
Figure 6. Block Diagram of an Isolation Channel
Figure 7 shows the concept of the OOK scheme.
Figure 7. OOK-Based Modulation Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com