Electronic Components Datasheet Search
  English  ▼

X  

AMC1302 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1302
Description  Precision, Reinforced Isolated Amplifier With High CMTI, Input Voltage Range of 짹50 mV, and High Bandwidth of 300 kHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1302 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AMC1302 Datasheet HTML 3Page - Texas Instruments AMC1302 Datasheet HTML 4Page - Texas Instruments AMC1302 Datasheet HTML 5Page - Texas Instruments AMC1302 Datasheet HTML 6Page - Texas Instruments AMC1302 Datasheet HTML 7Page - Texas Instruments AMC1302 Datasheet HTML 8Page - Texas Instruments AMC1302 Datasheet HTML 9Page - Texas Instruments AMC1302 Datasheet HTML 10Page - Texas Instruments AMC1302 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
AMC1302
www.ti.com
SBAS812 – JUNE 2018
Product Folder Links: AMC1302
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.7 Safety-Related Certifications
VDE
UL
Certified according to DIN V VDE V 0884-11 (VDE V 0884-11): 2017-01,
DIN EN 60950-1 (VDE 0805 Teil 1): 2014-08, and
DIN EN 60065 (VDE 0860): 2005-11
Recognized under 1577 component recognition and
CSA component acceptance NO 5 programs
Reinforced insulation
Single protection
Certificate number: 40040142
File number: E181974
(1)
The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The IS
and PS parameters represent the safety current and safety power, respectively. Do not exceed the maximum limits of IS and PS. These
limits vary with the ambient temperature, TA.
The junction-to-air thermal resistance, RθJA, in the Thermal Information table is that of a device installed on a high-K test board for
leaded surface-mount packages. Use these equations to calculate the value for each parameter:
TJ = TA + RθJA × P, where P is the power dissipated in the device.
TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum junction temperature.
PS = IS × VDD1max + IS × VDD2max, where VDD1max is the maximum high-side voltage and VDD2max is the maximum low-side supply
voltage.
6.8 Safety Limiting Values
Safety limiting intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS
Safety input, output,
or supply current
RθJA = 85.4°C/W, TJ = 150°C, TA = 25°C,
VDD1 = VDD2 = 5.5 V, see Figure 2
266
mA
RθJA = 85.4°C/W, TJ = 150°C, TA = 25°C,
VDD1 = VDD2 = 3.6 V, see Figure 2
406
PS
Safety input, output,
or total power(1)
RθJA = 85.4°C/W, TJ = 150°C, TA = 25°C, see Figure 3
1463
mW
TS
Maximum safety temperature
150
°C
(1)
The typical value includes one sigma statistical variation.
(2)
See Figure 5.
6.9 Electrical Characteristics
minimum and maximum specifications apply from TA = –55°C to +125°C, VDD1 = 3.0 V to 5.5 V, VDD2 = 3.0 V to 5.5 V, INP
= –50 mV to +50 mV, and INN = GND1 = 0 V; typical specifications are at TA = 25°C, VDD1 = 5 V, and VDD2 = 3.3 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
VCMov
Common-mode overvoltage
detection level
VDD1 – 2
V
Hysteresis of common-mode
overvoltage detection level
90
mV
VOS
Input offset voltage(1)
initial, at TA = 25°C, VINP = VINN = GND1
–100
±10
100
μV
TCVOS
Input offset drift(1)
–3
±1
3
µV/°C
CMRR
Common-mode rejection ratio
fIN = 0 Hz, VCM min ≤ VCM ≤ VCM max
–100
dB
fIN = 10 kHz, VCM min ≤ VCM ≤ VCM max
–93
CIN
Single-ended input
capacitance(2)
INN = GND1, fIN = 300 kHz
4
pF
CIND
Differential input capacitance(2)
fIN = 300 kHz
2
pF
RIN
Single-ended input
resistance(2)
INN = GND1
4.75
k
Ω
RIND
Differential input resistance(2)
4.9
k
Ω
IIB
Input bias current
INP = INN = GND1; IIB = (IIBP + IIBN) / 2
–48.5
–36
–28.5
μA
TCIIB
Input bias current drift
±1.5
nA/°C
IIO
Input offset current
±10
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com