Electronic Components Datasheet Search
  English  ▼

X  

AMC1302 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1302
Description  Precision, Reinforced Isolated Amplifier With High CMTI, Input Voltage Range of 짹50 mV, and High Bandwidth of 300 kHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1302 Datasheet(HTML) 4 Page - Texas Instruments

  AMC1302 Datasheet HTML 1Page - Texas Instruments AMC1302 Datasheet HTML 2Page - Texas Instruments AMC1302 Datasheet HTML 3Page - Texas Instruments AMC1302 Datasheet HTML 4Page - Texas Instruments AMC1302 Datasheet HTML 5Page - Texas Instruments AMC1302 Datasheet HTML 6Page - Texas Instruments AMC1302 Datasheet HTML 7Page - Texas Instruments AMC1302 Datasheet HTML 8Page - Texas Instruments AMC1302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
AMC1302
SBAS812 – JUNE 2018
www.ti.com
Product Folder Links: AMC1302
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Power-supply voltage
VDD1 to GND1
–0.3
6.5
V
VDD2 to GND2
–0.3
6.5
Input voltage
INP, INN
GND1 – 6
VDD1 + 0.5
V
Output voltage
OUTP, OUTN
GND2 – 0.5
VDD2 + 0.5
V
Input current
Continuous, any pin except power-supply pins
–10
10
mA
Temperature
Junction, TJ
150
°C
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD) Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
Steady-state voltage supported by the device in case of a system failure. See the specified common-mode input voltage VCM for normal
operation. Observe analog input voltage range as specified in the Absolute Maximum Ratings table.
6.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
High-side power supply
VDD1 to GND1
3.0
5
5.5
V
Low-side power supply
VDD2 to GND2
3.0
3.3
5.5
V
ANALOG INPUTS
VClipping Differential input voltage before clipping output
VIN = VINP – VINN
±64
mV
VFSR
Specified linear differential input full-scale
VIN = VINP – VINN
–50
50
mV
Absolute common-mode input voltage(1)
(VINP + VINN) / 2 to GND1
–2
VDD1
V
VCM
Operating common-mode input voltage
(VINP + VINN) / 2 to GND1
–0.032
VDD1 – 2.1
V
TEMPERATURE RANGE
TA
Specified ambient temperature
–55
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com