Electronic Components Datasheet Search
  English  ▼

X  

AMC1302 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1302
Description  Precision, Reinforced Isolated Amplifier With High CMTI, Input Voltage Range of 짹50 mV, and High Bandwidth of 300 kHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1302 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AMC1302 Datasheet HTML 8Page - Texas Instruments AMC1302 Datasheet HTML 9Page - Texas Instruments AMC1302 Datasheet HTML 10Page - Texas Instruments AMC1302 Datasheet HTML 11Page - Texas Instruments AMC1302 Datasheet HTML 12Page - Texas Instruments AMC1302 Datasheet HTML 13Page - Texas Instruments AMC1302 Datasheet HTML 14Page - Texas Instruments AMC1302 Datasheet HTML 15Page - Texas Instruments AMC1302 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
GND1
INP
VDD1
4 pF
VCMop = 2 V
INN
4 pF
to VCM
Overvoltage
monitor
100
NŸ
100
NŸ
16 pF
50 k
2.5
NŸ
50
NŸ
2.5 k
GND1
VDD1
VDD1
12
AMC1302
SBAS812 – JUNE 2018
www.ti.com
Product Folder Links: AMC1302
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Analog Input
The differential amplifier input stage of the AMC1302 feeds a second-order, switched-capacitor, feed-forward ΔΣ
modulator. The modulator converts the analog signal into a bitstream that is transferred over the isolation barrier,
as described in the Isolation Channel Signal Transmission section.
Figure 5 depicts the equivalent input structure of the AMC1302 with the relevant components. The total gain of
the device results from a combination of the gain of the fully-differential input amplifier and the gain of the active
output filter.
Figure 5. Equivalent Analog Input Circuit
There are two restrictions on the analog input signals (INP and INN). First, if the input voltage exceeds the range
GND1 – 6 V to VDD1 + 0.5 V, the input current must be limited to 10 mA because the device input electrostatic
discharge (ESD) diodes turn on. In addition, the linearity and noise performance of the device are ensured only
when the analog input voltage remains within the specified linear full-scale range (VFSR) and within the specified
common-mode input voltage range (VCM); see the Recommended Operating Conditions table for detailed
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com