Electronic Components Datasheet Search
  English  ▼

X  

AMC1302 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1302
Description  Precision, Reinforced Isolated Amplifier With High CMTI, Input Voltage Range of 짹50 mV, and High Bandwidth of 300 kHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1302 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC1302 Datasheet HTML 4Page - Texas Instruments AMC1302 Datasheet HTML 5Page - Texas Instruments AMC1302 Datasheet HTML 6Page - Texas Instruments AMC1302 Datasheet HTML 7Page - Texas Instruments AMC1302 Datasheet HTML 8Page - Texas Instruments AMC1302 Datasheet HTML 9Page - Texas Instruments AMC1302 Datasheet HTML 10Page - Texas Instruments AMC1302 Datasheet HTML 11Page - Texas Instruments AMC1302 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
AMC1302
SBAS812 – JUNE 2018
www.ti.com
Product Folder Links: AMC1302
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
minimum and maximum specifications apply from TA = –55°C to +125°C, VDD1 = 3.0 V to 5.5 V, VDD2 = 3.0 V to 5.5 V, INP
= –50 mV to +50 mV, and INN = GND1 = 0 V; typical specifications are at TA = 25°C, VDD1 = 5 V, and VDD2 = 3.3 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(3)
This parameter is output referred.
ANALOG OUTPUT
Nominal gain
41
EG
Gain error(1)
initial, at TA = 25°C
–0.3%
±0.05%
0.3%
TCEG
Gain error drift(1)
–50
±15
50
ppm/°C
Nonlinearity(1)
–0.03%
±0.01%
0.03%
Nonlinearity drift
1
ppm/°C
THD
Total harmonic distortion
VIN = 100 mVPP, fIN = 10 kHz, BW = 100 kHz
–84
dB
Output noise
VINP = VINN = GND1, BW = 100 kHz
220
μVRMS
SNR
Signal-to-noise ratio
VIN = 100 mVPP, fIN = 1 kHz, BW = 10 kHz
74
79
dB
VIN = 100 mVPP, fIN = 10 kHz, BW = 100 kHz
66
PSRR
Power-supply rejection ratio(3)
PSRR vs VDD1, at dc
–104
dB
PSRR vs VDD1, 100-mV and 10-kHz ripple
–90
PSRR vs VDD2, at dc
–104
PSRR vs VDD2, 100-mV and 10-kHz ripple
–94
VCMout
Common-mode output voltage
1.39
1.44
1.49
V
VFAILSAFE
Failsafe differential output
voltage
VCM > VCMov or VDD1 ≤ VDD1UV
–2.6
–2.5
V
BW
Output bandwidth
240
300
kHz
ROUT
Output resistance
On OUTP or OUTN
< 0.2
Ω
Output short-circuit current
±14
mA
CMTI
Common-mode transient
immunity
|GND1 – GND2| = 1 kV
75
140
kV/µs
POWER SUPPLY
VDD1UV
VDD1 undervoltage detection
threshold voltage
VDD1 falling
1.75
2.53
2.7
V
IDD1
High-side supply current
3.0 V
≤ VDD1 ≤ 3.6 V
6.3
8.5
mA
4.5 V
≤ VDD1 ≤ 5.5 V
7.2
9.8
IDD2
Low-side supply current
3.0 V
≤ VDD2 ≤ 3.6 V
5.3
7.2
mA
4.5 V
≤ VDD2 ≤ 5.5 V
5.9
8.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com