Electronic Components Datasheet Search
  English  ▼

X  

AMC1302 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1302
Description  Precision, Reinforced Isolated Amplifier With High CMTI, Input Voltage Range of 짹50 mV, and High Bandwidth of 300 kHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1302 Datasheet(HTML) 3 Page - Texas Instruments

  AMC1302 Datasheet HTML 1Page - Texas Instruments AMC1302 Datasheet HTML 2Page - Texas Instruments AMC1302 Datasheet HTML 3Page - Texas Instruments AMC1302 Datasheet HTML 4Page - Texas Instruments AMC1302 Datasheet HTML 5Page - Texas Instruments AMC1302 Datasheet HTML 6Page - Texas Instruments AMC1302 Datasheet HTML 7Page - Texas Instruments AMC1302 Datasheet HTML 8Page - Texas Instruments AMC1302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1
VDD1
8
VDD2
2
INP
7
OUTP
3
INN
6
OUTN
4
GND1
5
GND2
Not to scale
3
AMC1302
www.ti.com
SBAS812 – JUNE 2018
Product Folder Links: AMC1302
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
DWV Package
8-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
VDD1
—
High-side power supply, 3.0 V to 5.5 V.
See the Power Supply Recommendations section for power-supply decoupling recommendations.
2
INP
I
Noninverting analog input
3
INN
I
Inverting analog input
4
GND1
—
High-side analog ground
5
GND2
—
Low-side analog ground
6
OUTN
O
Inverting analog output
7
OUTP
O
Noninverting analog output
8
VDD2
—
Low-side power supply, 3.0 V to 5.5 V.
See the Power Supply Recommendations section for power-supply decoupling recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com