Electronic Components Datasheet Search
  English  ▼

X  

X9110 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # X9110
Description  Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9110 Datasheet(HTML) 3 Page - Renesas Technology Corp

  X9110 Datasheet HTML 1Page - Renesas Technology Corp X9110 Datasheet HTML 2Page - Renesas Technology Corp X9110 Datasheet HTML 3Page - Renesas Technology Corp X9110 Datasheet HTML 4Page - Renesas Technology Corp X9110 Datasheet HTML 5Page - Renesas Technology Corp X9110 Datasheet HTML 6Page - Renesas Technology Corp X9110 Datasheet HTML 7Page - Renesas Technology Corp X9110 Datasheet HTML 8Page - Renesas Technology Corp X9110 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
X9110
FN8158 Rev 5.00
Page 3 of 18
October 28, 2016
Bus Interface Pins
SERIAL OUTPUT (SO)
SO is a serial data output pin. During a read cycle, data is shifted
out on this pin. Data is clocked out on the falling edge of the
serial clock.
SERIAL INPUT (SI)
SI is the serial data input pin. All opcodes, byte addresses and
data to be written to the potentiometer pot registers are input on
this pin. Data is latched by the rising edge of the serial clock.
SERIAL CLOCK (SCK)
The SCK input is used to clock data into and out of the X9110.
HOLD (HOLD)
HOLD is used in conjunction with the CS pin to select the device.
Once the part is selected and a serial sequence is underway,
HOLD may be used to pause the serial communication with the
controller without resetting the serial sequence. To pause, HOLD
must be brought LOW while SCK is LOW. To resume
communication, HOLD is brought HIGH, again while SCK is LOW.
Detailed Functional Diagram
FIGURE 2. DETAILED FUNCTIONAL DIAGRAM
CS
SCK
A0
SO
SI
HOLD
WP
INTERFACE
AND
CONTROL
CIRCUITRY
V-
V+
VCC
VSS
DR0
DR1
DR2
DR3
WIPER
COUNTER
REGISTER
(WCR)
RH
RL
DATA
RW
1024-TAPS
100kΩ
CONTROL
POWER ON
RECALL
Pin Configuration
X9110
14 LD TSSOP
TOP VIEW
Pin Descriptions
PIN
(TSSOP)
SYMBOL
FUNCTION
1
V+
Analog Supply Voltage
2
SO
Serial Data Output
3
A0
Device Address
4
SCK
Serial Clock
5WP
Hardware Write Protect
6
SI
Serial Data Input
7VSS
System Ground
8
V-
Analog Supply Voltage
9CS
Chip Select
10
HOLD
Device Select. Pause the Serial Bus
VCC
RL
VSS
1
2
3
4
5
6
7
8
14
13
12
11
10
9
A0
RW
SCK
CS
RH
SO
V+
SI
HOLD
WP
V-
11
RW
Wiper Terminal of the Potentiometer
12
RH
High Terminal of the Potentiometer
13
RL
Low Terminal of the Potentiometer
14
VCC
System Supply Voltage
Pin Descriptions (Continued)
PIN
(TSSOP)
SYMBOL
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com