Electronic Components Datasheet Search
  English  ▼

X  

X9110 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # X9110
Description  Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9110 Datasheet(HTML) 1 Page - Renesas Technology Corp

  X9110 Datasheet HTML 1Page - Renesas Technology Corp X9110 Datasheet HTML 2Page - Renesas Technology Corp X9110 Datasheet HTML 3Page - Renesas Technology Corp X9110 Datasheet HTML 4Page - Renesas Technology Corp X9110 Datasheet HTML 5Page - Renesas Technology Corp X9110 Datasheet HTML 6Page - Renesas Technology Corp X9110 Datasheet HTML 7Page - Renesas Technology Corp X9110 Datasheet HTML 8Page - Renesas Technology Corp X9110 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
FN8158 Rev 5.00
Page 1 of 18
October 28, 2016
FN8158
Rev 5.00
October 28, 2016
X9110
Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP™)
Potentiometer
DATASHEET
The X9110 integrates a Single Digitally Controlled
Potentiometer (XDCP) on a monolithic CMOS integrated circuit.
The digital controlled potentiometer is implemented using
1023 resistive elements in a series array. Between each
element are tap points connected to the wiper terminal
through switches. The position of the wiper on the array is
controlled by the user through the SPI bus interface. The
potentiometer has associated with it a volatile Wiper Counter
Register (WCR) and four nonvolatile data registers that can be
directly written to, and read by, the user. The contents of the
WCR controls the position of the wiper on the resistor array
though the switches. Power-up recalls the contents of the
default data register (DR0) to the WCR.
The XDCP can be used as a three-terminal potentiometer or as
a two terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Related Literature
• For a full list of related documents, visit our website
- X9110 product page
Features
• 1024 resistor taps – 10-bit resolution
• SPI serial interface for write, read, and transfer operations of
the potentiometer
• Wiper resistance, 40Ω
typical at 5V
• Four nonvolatile data registers
• Nonvolatile storage of multiple wiper positions
• Power-on recall, loads saved wiper position on power-up
• Standby current <5µA maximum
•System VCC: 2.7V to 5.5V operation
• Analog V+/V-: -5V to +5V
• 100kΩ
end-to-end resistance
• 100 year data retention
• Endurance: 100,000 data changes per bit per register
•14 Ld TSSOP
• Dual supply version of the X9111
•Low power CMOS
• Pb-free (RoHS compliant)
FIGURE 1. FUNCTIONAL DIAGRAM
RH
RL
BUS
RW
INTERFACE
CONTROL
POT
VCC
VSS
SPI
BUS
ADDRESS
DATA
STATUS
WRITE
READ
WIPER
1024-TAPS
TRANSFER
NC
NC
100kΩ
POWER-ON RECALL
WIPER COUNTER
REGISTER (WCR)
DATA REGISTERS
(DR0-DR3)
CONTROL
INTERFACE
V+
V-
AND


Similar Part No. - X9110

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9110 XICOR-X9110 Datasheet
133Kb / 21P
Single Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9110 INTERSIL-X9110 Datasheet
369Kb / 18P
Single Digitally-Controlled (XDCP) Potentiometer
October 7, 2005
X9110 INTERSIL-X9110 Datasheet
312Kb / 18P
Dual Supply/Low Power/1024-Tap/SPI Bus
February 13, 2008
X9110 INTERSIL-X9110 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
X9110 INTERSIL-X9110 Datasheet
309Kb / 18P
Single Digitally-Controlled Potentiometer
February 13, 2008
More results

Similar Description - X9110

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9110 INTERSIL-X9110_08 Datasheet
312Kb / 18P
Dual Supply/Low Power/1024-Tap/SPI Bus
February 13, 2008
X9251US24Z INTERSIL-X9251US24Z Datasheet
438Kb / 21P
Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled Potentiometer
December 3, 2014
logo
Renesas Technology Corp
X9111 RENESAS-X9111 Datasheet
805Kb / 19P
Single Supply/Low Power/1024-Tap/SPI Bus/Single Digitally-Controlled (XDCP?? Potentiometer
X9118 RENESAS-X9118 Datasheet
736Kb / 17P
Dual Supply/Low Power/1024-Tap/2-Wire Bus Single Digitally-Controlled (XDCP?? Potentiometer
X9119 RENESAS-X9119 Datasheet
771Kb / 18P
1024 Tap, Low Power, 2-Wire Interface, Digitally Controlled (XDCP?? Potentiometer
X9251 RENESAS-X9251 Datasheet
849Kb / 21P
Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
X9271 RENESAS-X9271 Datasheet
791Kb / 19P
Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
X9401 RENESAS-X9401 Datasheet
827Kb / 20P
Low Noise/Low Power/SPI Bus Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
X9420 RENESAS-X9420 Datasheet
766Kb / 19P
Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
X9421 RENESAS-X9421 Datasheet
805Kb / 20P
Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com