Electronic Components Datasheet Search
  English  ▼

X  

X9110 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # X9110
Description  Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9110 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button X9110 Datasheet HTML 6Page - Renesas Technology Corp X9110 Datasheet HTML 7Page - Renesas Technology Corp X9110 Datasheet HTML 8Page - Renesas Technology Corp X9110 Datasheet HTML 9Page - Renesas Technology Corp X9110 Datasheet HTML 10Page - Renesas Technology Corp X9110 Datasheet HTML 11Page - Renesas Technology Corp X9110 Datasheet HTML 12Page - Renesas Technology Corp X9110 Datasheet HTML 13Page - Renesas Technology Corp X9110 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
X9110
FN8158 Rev 5.00
Page 10 of 18
October 28, 2016
Absolute Maximum Ratings
Thermal Information
Voltage on SCK any Address Input
with Respect to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-1V to +7V
Voltage on V+ (referenced to VSS) (Note 11). . . . . . . . . . . . . . . . . . . . . . 10V
Voltage on V- (referenced to VSS) (Note 11) . . . . . . . . . . . . . . . . . . . . . .-10V
(V+) - (V-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V
Any Voltage on RH/RL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V+
Any Voltage on RL/RH . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V-
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Thermal Resistance (Typical, Note 7)
JA (°C/W)
14 Lead TSSOP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
90
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +135°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
Temperature Range
Commercial. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage (VCC) Limits (Note 11)
X9110 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V ±10%
X9110-2.7 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTE:
7.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Analog Specifications Over recommended industrial (2.7V) operation conditions, unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 16)TYP
MAX
(Note 16)UNIT
RTOTAL
End-to-End Resistance
100
kΩ
End-to-End Resistance Tolerance
±20
%
Power Rating
+25°C, each potentiometer
50
mW
IW
Wiper Current
±3
mA
RW
Wiper Resistance
Wiper current = ±3mA, VCC = 3V
150
500
Ω
RW
Wiper Resistance
IW = ±3mA, VCC = 5V
100
Ω
Vv+
Voltage on V+ Pin
X9110 (Note 11)
+4.5
+5.5
V
X9110-2.7 (Note 11)
+2.7
+5.5
V
Vv-
Voltage on V- Pin
X9110 (Note 11)
-5.5
-4.5
V
X9110-2.7 (Note 11)
-5.5
-2.7
V
VTERM
Voltage on any RH or RL Pin
VSS = 0V
V-
V+
V
Noise
Reference: 1V
-120
dBV
Resolution
0.1
%
Absolute Linearity (Note 8)Rw(n)(actual) – Rw(n)(expected), where n = 8 to 1006
±1
MI (Note 10)
Rw(n)(actual) – Rw(n)(expected) (Note 12)±1.5
MI (Note 10)
Relative Linearity (Note 9)Rw(m + 1) – [Rw(m) + MI], where m = 8 to 1006
±0.5
MI (Note 10)
Rw(m + 1) – [Rw(m) + MI] (Note 12)±1
MI (Note 10)
Temperature Coefficient of RTOTAL
±300
ppm/°C
Ratiometric Temperature Coefficient
20
ppm/°C
CH/CL/CW Potentiometer Capacitances
See macromodel
10/10/25
pF
NOTES:
8. Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a potentiometer.
9. Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potentiometer. It is a
measure of the error in step size.
10. MI = RTOT/1023 or (RH – RL)/1023, single pot
11. VCC, V+, V- must reach their final values within 1ms of each other.
12. n = 0, 1, 2, …,1023; m = 0, 1, 2, …, 1022.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com