| Electronic Components Datasheet Search |
|
X9110 Datasheet(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
X9110 Datasheet(HTML) 4 Page - Renesas Technology Corp |
|
4 / 18 page ![]() X9110 FN8158 Rev 5.00 Page 4 of 18 October 28, 2016 If the pause feature is not used, HOLD should be held HIGH at all times. DEVICE ADDRESS (A0) The address input is used to set the 8-bit slave address. A match in the slave address serial data stream A0 must be made with the address input (A0) in order to initiate communication with the X9110. CHIP SELECT (CS) When CS is HIGH, the X9110 is deselected and the SO pin is at high impedance, and (unless an internal write cycle is underway) the device will be in the standby state. CS LOW enables the X9110, placing it in the active power mode. It should be noted that after a power-up, a HIGH to LOW transition on CS is required prior to the start of any operation. HARDWARE WRITE PROTECT INPUT (WP) The WP pin when LOW prevents nonvolatile writes to the Data Registers. Potentiometer Pins RH, RL The RH and RL pins are equivalent to the terminal connections on a mechanical potentiometer. RW The wiper pin are equivalent to the wiper terminal of a mechanical potentiometer. Bias Supply Pins SYSTEM SUPPLY VOLTAGE (VCC) AND SUPPLY GROUND (VSS) The VCC pin is the system supply voltage. The VSS pin is the system ground. ANALOG SUPPLY VOLTAGES (V+ AND V-) These supplies are the analog voltage supplies for the potentiometer. The V+ supply is tied to the wiper switches while the V- supply is used to bias the switches and the internal P+ substrate of the integrated circuit. Both of these supplies set the voltage limits of the potentiometer. Principles of Operation Device Description SERIAL INTERFACE The X9110 supports the SPI interface hardware conventions. The device is accessed via the SI input with data clocked-in on the rising SCK. CS must be LOW and the HOLD and WP pins must be HIGH during the entire operation. The SO and SI pins can be connected together, since they have three state outputs. This can help to reduce system pin count. ARRAY DESCRIPTION The X9110 is comprised of a resistor array (Figure 3). The array contains the equivalent of 1023 discrete resistive segments that are connected in series. The physical ends of each array are equivalent to the fixed terminals of a mechanical potentiometer (RH and RL inputs). SERIAL DATA PATH FROM INTERFACE REGISTER 0 SERIAL BUS INPUT PARALLEL BUS INPUT COUNTER REGISTER R H R L R W 10 10 C O U N T E R D E C O D E WIPER (WCR) (DR0) CIRCUITRY REGISTER 1 (DR1) REGISTER 2 (DR2) REGISTER 3 (DR3) FIGURE 3. DETAILED POTENTIOMETER BLOCK DIAGRAM If WCR = 000[HEX] then RW = RL If WCR = 3FF[HEX] then RW = RH R |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |