Electronic Components Datasheet Search
  English  ▼

X  

X9110 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # X9110
Description  Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9110 Datasheet(HTML) 5 Page - Renesas Technology Corp

  X9110 Datasheet HTML 1Page - Renesas Technology Corp X9110 Datasheet HTML 2Page - Renesas Technology Corp X9110 Datasheet HTML 3Page - Renesas Technology Corp X9110 Datasheet HTML 4Page - Renesas Technology Corp X9110 Datasheet HTML 5Page - Renesas Technology Corp X9110 Datasheet HTML 6Page - Renesas Technology Corp X9110 Datasheet HTML 7Page - Renesas Technology Corp X9110 Datasheet HTML 8Page - Renesas Technology Corp X9110 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
X9110
FN8158 Rev 5.00
Page 5 of 18
October 28, 2016
At both ends of each array and between each resistor segment is
a CMOS switch connected to the wiper (RW) output. Within the
individual array only one switch may be turned on at a time.
These switches are controlled by a Wiper Counter Register
(WCR). The 10-bits of the WCR (WCR[9:0]) are decoded to select,
and enable, one of 1024 switches.
WIPER COUNTER REGISTER (WCR)
The X9110 contains a Wiper Counter Register (see Table 1) for
the XDCP potentiometer. The WCR is equivalent to a serial-in,
parallel-out register/counter with its outputs decoded to select
one of 1024 switches along its resistor array. The content of the
WCR can be altered in one of three ways: (1) it may be written
directly by the host via the write Wiper Counter Register
instruction (serial load); (2) it may be written indirectly by
transferring the content of one of four associated Data Registers
via the XFR Data Register; (3) it is loaded with the content of its
data register zero (DR0) upon power-up.
The Wiper Counter Register is a volatile register; that is, its content is
lost when the X9110 is powered-down. Although the register is
automatically loaded with the value in DR0 upon power-up, this
may be different from the value present at power-down.
Power-up guidelines are recommended to ensure proper
loadings of the DR0 value into the WCR.
DATA REGISTERS (DR)
The potentiometer has four 10-bit nonvolatile Data Registers.
These can be read or written directly by the host. Data can also
be transferred between any of the four Data Registers and the
Wiper Counter Register. All operations changing data in one of
the Data Registers is a nonvolatile operation and will take a
maximum of 10ms.
If the application does not require storage of multiple settings for
the potentiometer, the Data Registers can be used as regular
memory locations for system parameters or user preference
data.
DR[9:0] is used to store one of the 1024 wiper position (0~1023)
(see Table 2).
STATUS REGISTER (SR)
This 1-bit status register is used to store the system status (see
Table 3).
WIP: Write In Progress status bit, read only.
• When WIP = 1, indicates that high-voltage write cycle is in
progress.
• When WIP = 0, indicates that no high-voltage write cycle is in
progress.
TABLE 3. STATUS REGISTER, SR (1-BIT)
TABLE 4. IDENTIFICATION BYTE FORMAT
TABLE 1. WIPER CONTROL REGISTER, WCR (10-BIT), WCR9–WCR0: Used to store the current wiper position (Volatile, V)
WCR9
WCR8
WCR7
WCR6
WCR5
WCR4
WCR3
WCR2
WCR1
WCR0
VVVVVVVVVV
(MSB)
(LSB)
TABLE 2. DATA REGISTER, DR (10-BIT), BIT 9–BIT 0: Used to store wiper positions or data (Nonvolatile, NV)
BIT 9BIT 8BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
NV
NV
NV
NV
NV
NV
NV
NV
NV
NV
(MSB)
(LSB)
WIP
(LSB)
ID3
ID2
ID1
ID0
0
0
A0
R/W
0101
(MSB)
(LSB)
DEVICE TYPE
IDENTIFIER
INTERNAL SLAVE
ADDRESS
READ OR
WRITE BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com