Electronic Components Datasheet Search
  English  ▼

X  

X9110 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # X9110
Description  Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9110 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button X9110 Datasheet HTML 7Page - Renesas Technology Corp X9110 Datasheet HTML 8Page - Renesas Technology Corp X9110 Datasheet HTML 9Page - Renesas Technology Corp X9110 Datasheet HTML 10Page - Renesas Technology Corp X9110 Datasheet HTML 11Page - Renesas Technology Corp X9110 Datasheet HTML 12Page - Renesas Technology Corp X9110 Datasheet HTML 13Page - Renesas Technology Corp X9110 Datasheet HTML 14Page - Renesas Technology Corp X9110 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
X9110
FN8158 Rev 5.00
Page 11 of 18
October 28, 2016
DC Operating Specifications Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 16)TYP
MAX
(Note 16)UNIT
ICC1
VCC Supply Current
(active)
fSCK = 2.5MHz, SO = Open, VCC = 5.5V
Other inputs = VSS
400
µA
ICC2
VCC Supply Current
(nonvolatile write)
fSCK = 2.5MHz, SO = Open, VCC = 5.5V
Other inputs = VSS
15
mA
ISB
VCC Current (standby)
SCK = SI = VSS, Address = VSS,
CS = VCC = 5.5V
5µA
ILI
Input Leakage Current
VIN = VSS to VCC
10
µA
ILO
Output Leakage Current
VOUT = VSS to VCC
10
µA
VIH
Input HIGH Voltage
VCC x 0.7
VCC + 1
V
VIL
Input LOW Voltage
-1
VCC x 0.3
V
VOL
Output LOW Voltage
IOL = 3mA
0.4
V
VOH
Output HIGH Voltage
IOH = -1mA, VCC ≥ +3V
VCC - 0.8
V
VOH
Output HIGH Voltage
IOH = -0.4mA, VCC ≤ +3V
VCC - 0.4
V
Endurance and Data Retention
PARAMETER
MIN
UNITS
Minimum Endurance
100,000
Data changes per bit per register
Data Retention
100
years
Capacitance
SYMBOL
TEST
TEST CONDITIONS
MAX
UNIT
CIN/OUT (Notes 11, 13) Input/Output Capacitance (SI)
VOUT = 0V
8
pF
COUT (Note 13)
Output Capacitance (SO)
VOUT = 0V
8
pF
CIN (Note 13)
Input Capacitance (A0, CS, WP, HOLD, and SCK)
VIN = 0V
6
pF
Power-up Timing
SYMBOL
PARAMETER
MIN
MAX
UNIT
tr VCC (Note 13)
VCC Power-Up Rate
0.2
50
V/ms
tPUR (Notes 13, 14)
Power-Up to Initiation of Read Operation
1
ms
tPUW (Note 14)
Power-Up to Initiation of Write Operation
50
ms
NOTES:
13. Limits established by characterization and are not production tested.
14. tPUR and tPUW are the delays required from the time the (last) power supply (VCC-) is stable until the specific instruction can be issued.
15. ESD Rating on RH, RL, RW pins is 1.5kV (HBM, 1.0µA leakage maximum), ESD rating on all other pins is 2.0kV.
16. Parts are 100% tested at +25°C. Over-temperature limits established by characterization and are not production tested.
AC Test Conditions
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and Fall Times
10ns
Input and Output Timing Level
VCC x 0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com