Electronic Components Datasheet Search
  English  ▼

X  

X9521 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # X9521
Description  Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9521 Datasheet(HTML) 4 Page - Renesas Technology Corp

  X9521 Datasheet HTML 1Page - Renesas Technology Corp X9521 Datasheet HTML 2Page - Renesas Technology Corp X9521 Datasheet HTML 3Page - Renesas Technology Corp X9521 Datasheet HTML 4Page - Renesas Technology Corp X9521 Datasheet HTML 5Page - Renesas Technology Corp X9521 Datasheet HTML 6Page - Renesas Technology Corp X9521 Datasheet HTML 7Page - Renesas Technology Corp X9521 Datasheet HTML 8Page - Renesas Technology Corp X9521 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
X9521
FN8207 Rev 2.00
Page 4 of 24
September 21, 2010
DEVICE INTERNAL ADDRESSING
Addressing Protocol Overview
The user addressable internal components of the X9521
can be split up into three main parts:
—Two Digitally Controlled Potentiometers (DCPs)
—EEPROM array
—Control and Status (CONSTAT) Register
Depending upon the operation to be performed on each of
these individual parts, a 1, 2 or 3 Byte protocol is used. All
operations however must begin with the Slave Address
Byte being issued on the SDA pin. The Slave address
selects the part of the X9521 to be addressed, and speci-
fies if a Read or Write operation is to be performed.
It should be noted that in order to perform a write operation
to either a DCP or the EEPROM array, the Write Enable
Latch (WEL) bit must first be set (See “BL1, BL0: Block
Lock protection bits - (Nonvolatile)” on page 12.)
Slave Address Byte
Following a START condition, the master must output a
Slave Address Byte (Refer to Figure 4.). This byte consists
of three parts:
—The Device Type Identifier which consists of the most
significant four bits of the Slave Address (SA7 - SA4).
The Device Type Identifier must always be set to 1010 in
order to select the X9521.
—The next three bits (SA3 - SA1) are the Internal Device
Address bits. Setting these bits to 000 internally selects
the EEPROM array, while setting these bits to 111
selects the DCP structures in the X9521. The CONSTAT
Register may be selected using the Internal Device
Address 010.
—The Least Significant Bit of the Slave Address (SA0)
Byte is the R/W bit. This bit defines the operation to be
performed on the device being addressed (as defined in
the bits SA3 - SA1). When the R/W bit is “1”, then a
READ operation is selected. A “0” selects a WRITE oper-
ation (Refer to Figure 4.)
SCL
from
Master
Data Output
from
Transmitter
Data Output
from
Receiver
8
1
9
Start
Acknowledge
Figure 3.
Acknowledge Response From Receiver
SCL
from
Master
SA6
SA7
SA5
SA3 SA2
SA1
SA0
DEVICE TYPE
IDENTIFIER
READ /
SA4
Internal Address
(SA3 - SA1)
Internally Addressed
Device
000
EEPROM Array
010
CONSTAT Register
111
DCP
Bit SA0
Operation
0WRITE
1
READ
R/W
Figure 4.
Slave Address Format
101 0
WRITE
ADDRESS
INTERNAL
DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com