Electronic Components Datasheet Search
  English  ▼

X  

X9521 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # X9521
Description  Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9521 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button X9521 Datasheet HTML 2Page - Renesas Technology Corp X9521 Datasheet HTML 3Page - Renesas Technology Corp X9521 Datasheet HTML 4Page - Renesas Technology Corp X9521 Datasheet HTML 5Page - Renesas Technology Corp X9521 Datasheet HTML 6Page - Renesas Technology Corp X9521 Datasheet HTML 7Page - Renesas Technology Corp X9521 Datasheet HTML 8Page - Renesas Technology Corp X9521 Datasheet HTML 9Page - Renesas Technology Corp X9521 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
X9521
FN8207 Rev 2.00
Page 6 of 24
September 21, 2010
The data in the WCR is then decoded to select and enable
one of the respective FET switches. A “make before break”
sequence is used internally for the FET switches when the
wiper is moved from one tap position to another.
Hot Pluggability
Figure 7 shows a typical waveform that the X9521 might
experience in a Hot Pluggable situation. On power-up, Vcc
applied to the X9521 may exhibit some amount of ringing,
before it settles to the required value.
The device is designed such that the wiper terminal (RWx)
is recalled to the correct position (as per the last stored in
the DCP NVM), when the voltage applied to Vcc exceeds
VTRIP for a time exceeding tpu.
Therefore, if
ttrans is defined as the time taken for Vcc to
settle above VTRIP (Figure 7): then the desired wiper ter-
minal position is recalled by (a maximum) time:
ttrans +
tpu. It should be noted that ttrans is determined by system
hot plug conditions.
DCP Operations
In total there are three operations that can be performed on
any internal DCP structure:
—DCP Nonvolatile Write
—DCP Volatile Write
—DCP Read
A nonvolatile write to a DCP will change the “wiper
position” by simultaneously writing new data to the
associated WCR and NVM. Therefore, the new “wiper
position” setting is recalled into the WCR after Vcc of the
X9521 is powered down and then powered back up.
A volatile write operation to a DCP however, changes the
“wiper position” by writing new data to the associated WCR
only. The contents of the associated NVM register remains
unchanged. Therefore, when Vcc to the device is powered
down then back up, the “wiper position” reverts to that last
position written to the DCP using a nonvolatile write
operation.
Both volatile and nonvolatile write operations are executed
using a three byte command sequence: (DCP) Slave
Address Byte, Instruction Byte, followed by a Data Byte
(See Figure 9).
A DCP Read operation allows the user to “read out” the
current “wiper position” of the DCP, as stored in the
associated WCR. This operation is executed using the
Random Address Read command sequence, consisting of
the (DCP) Slave Address Byte followed by an Instruction
Byte and the Slave Address Byte again (Refer to Figure
11.).
Instruction Byte
While the Slave Address Byte is used to select the DCP
devices, an Instruction Byte is used to determine which
DCP is being addressed.
The Instruction Byte (Figure 8) is valid only when the
Device Type Identifier and the Internal Device Address
bits of the Slave Address are set to 1010111. In this
case, the two Least Significant Bit’s (I1 - I0) of the
Instruction Byte are used to select the particular DCP
(0 - 2). In the case of a Write to any of the DCPs (i.e.
the LSB of the Slave Address is 0), the Most Significant
Bit of the Instruction Byte (I7), determines the Write
Type (WT) performed.
If WT is “1”, then a Nonvolatile Write to the DCP occurs. In
this case, the “wiper position” of the DCP is changed by
simultaneously writing new data to the associated WCR
and NVM. Therefore, the new “wiper position” setting is
recalled into the WCR after Vcc of the X9521 has been
powered down then powered back up
Figure 7.
DCP Power-up
t
Vcc
VTRIP
Vcc (Max.)
tpu
Maximum Wiper Recall time
0
ttrans



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com