Electronic Components Datasheet Search
  English  ▼

X  

X9521 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # X9521
Description  Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9521 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button X9521 Datasheet HTML 8Page - Renesas Technology Corp X9521 Datasheet HTML 9Page - Renesas Technology Corp X9521 Datasheet HTML 10Page - Renesas Technology Corp X9521 Datasheet HTML 11Page - Renesas Technology Corp X9521 Datasheet HTML 12Page - Renesas Technology Corp X9521 Datasheet HTML 13Page - Renesas Technology Corp X9521 Datasheet HTML 14Page - Renesas Technology Corp X9521 Datasheet HTML 15Page - Renesas Technology Corp X9521 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
X9521
FN8207 Rev 2.00
Page 12 of 24
September 21, 2010
CONTROL AND STATUS REGISTER
The Control and Status (CONSTAT) Register provides
the user with a mechanism for changing and reading
the status of various parameters of the X9521 (See
Figure 17).
The CONSTAT register is a combination of both volatile
and nonvolatile bits. The nonvolatile bits of the CONSTAT
register retain their stored values even when Vcc is pow-
ered down, then powered back up. The volatile bits how-
ever, will always power-up to a known logic state “0”
(irrespective of their value at power-down).
A detailed description of the function of each of the CON-
STAT register bits follows:
WEL: Write Enable Latch (Volatile)
The WEL bit controls the Write Enable status of the entire
X9521 device. This bit must first be enabled before ANY
write operation (to DCPs, EEPROM memory array, or the
CONSTAT register). If the WEL bit is not first enabled, then
ANY proceeding (volatile or nonvolatile) write operation to
DCPs, EEPROM array, as well as the CONSTAT register,
is aborted and no ACKNOWLEDGE is issued after a Data
Byte.
The WEL bit is a volatile latch that powers up in the dis-
abled, LOW (0) state. The WEL bit is enabled / set by writ-
ing 00000010 to the CONSTAT register. Once enabled,
the WEL bit remains set to “1” until either it is reset to “0”
(by writing 00000000 to the CONSTAT register) or until the
X9521 powers down, and then up again.
Writes to the WEL bit do not cause an internal high voltage
write cycle. Therefore, the device is ready for another oper-
ation immediately after a STOP condition is executed in the
CONSTAT Write command sequence (See Figure 18).
RWEL: Register Write Enable Latch (Volatile)
The RWEL bit controls the (CONSTAT) Register Write
Enable status of the X9521. Therefore, in order to write to
any of the bits of the CONSTAT Register (except WEL),
the RWEL bit must first be set to “1”. The RWEL bit is a vol-
atile bit that powers up in the disabled, LOW (“0”) state.
It must be noted that the RWEL bit can only be set, once
the WEL bit has first been enabled (See "CONSTAT Reg-
ister Write Operation").
The RWEL bit will reset itself to the default “0” state, in one
of three cases:
—After a successful write operation to any bits of the
CONSTAT register has been completed (See Figure
18).
—When the X9521 is powered down.
—When attempting to write to a Block Lock protected
region of the EEPROM memory (See "BL1, BL0: Block
Lock protection bits - (Nonvolatile)", below).
BL1, BL0: Block Lock protection bits - (Nonvolatile)
The Block Lock protection bits (BL1 and BL0) are used
to:
—Inhibit a write operation from being performed to certain
addresses of the EEPROM memory array
—Inhibit a DCP write operation (changing the “wiper posi-
tion”).
The region of EEPROM memory which is protected /
locked is determined by the combination of the BL1 and
BL0 bits written to the CONSTAT register. It is possible to
lock the regions of EEPROM memory shown in the table
below:
Bit(s)
Description
CS7 - CS5
Always “0”(RESERVED)
BL1 - BL0
Sets the Block Lock partition
RWEL
Register Write Enable Latch bit
WEL
Write Enable Latch bit
CS0
Always “0” (RESERVED)
0
WEL
0
CS5
CS6
CS7
CS4
CS3
CS2
CS1
CS0
0
0
BL0
BL1
RWEL
Figure 17. CONSTAT Register Format
NV
NV
NOTE: Bits labelled NV are nonvolatile (See “CONTROL AND STATUS REGISTER”).
BL1 BL0
Protected Addresses
(Size)
Partition of array
locked
0
0
None (Default)
None (Default)
01
C0h - FFh (64 bytes)
Upper 1/4
1
0
80h - FFh (128 bytes)
Upper 1/2
1
1
00h - FFh (256 bytes)
All



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com