Electronic Components Datasheet Search
  English  ▼

X  

X9521 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # X9521
Description  Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9521 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button X9521 Datasheet HTML 7Page - Renesas Technology Corp X9521 Datasheet HTML 8Page - Renesas Technology Corp X9521 Datasheet HTML 9Page - Renesas Technology Corp X9521 Datasheet HTML 10Page - Renesas Technology Corp X9521 Datasheet HTML 11Page - Renesas Technology Corp X9521 Datasheet HTML 12Page - Renesas Technology Corp X9521 Datasheet HTML 13Page - Renesas Technology Corp X9521 Datasheet HTML 14Page - Renesas Technology Corp X9521 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
X9521
FN8207 Rev 2.00
Page 11 of 24
September 21, 2010
Random EEPROM Read
Random read operation allows the master to access any
memory location in the array. Prior to issuing the Slave
Address Byte with the R/W bit set to one, the master must
first perform a “dummy” write operation. The master issues
the START condition and the Slave Address Byte, receives
an ACKNOWLEDGE, then issues an Address Byte. This
“dummy” Write operation sets the address pointer to the
address from which to begin the random EEPROM read
operation.
After the X9521 acknowledges the receipt of the Address
Byte, the master immediately issues another START con-
dition and the Slave Address Byte with the R/W bit set to
one. This is followed by an ACKNOWLEDGE from the
X9521 and then by the eight bit word. The master termi-
nates the read operation by not responding with an
ACKNOWLEDGE and instead issuing a STOP condition
(Refer to Figure 15.).
A similar operation called “Set Current Address” also
exists. This operation is performed if a STOP is issued
instead of the second START shown in Figure 15. In this
case, the device sets the address pointer to that of the
Address Byte, and then goes into standby mode after the
STOP bit. All bus activity will be ignored until another
START is detected.
Sequential EEPROM Read
Sequential reads can be initiated as either a current
address read or random address read. The first Data Byte
is transmitted as with the other modes; however, the mas-
ter now responds with an ACKNOWLEDGE, indicating it
requires additional data. The X9521 continues to output a
Data Byte for each ACKNOWLEDGE received. The mas-
ter terminates the read operation by not responding with an
ACKNOWLEDGE and instead issuing a STOP condition.
The data output is sequential, with the data from address
n followed by the data from address n + 1. The address
counter for read operations increments through the entire
memory contents to be serially read during one operation.
At the end of the address space the counter “rolls over” to
address 00h and the device continues to output data for
each ACKNOWLEDGE received (Refer to Figure 16.).
0
Slave
Address
Address
Byte
A
C
K
A
C
K
S
t
a
r
t
S
t
o
p
Slave
Address
Data
A
C
K
1
S
t
a
r
t
SDA Bus
Signals from
the Slave
Signals from
the Master
Figure 15. Random EEPROM Address Read Sequence
0 1 0 0 0 0
1
1 0 1 0 0 0 0
READ Operation
WRITE Operation
“Dummy” Write
Data
(2)
S
t
o
p
Slave
Address
Data
(n)
A
C
K
A
C
K
SDA Bus
Signals from
the Slave
Signals from
the Master
1
Data
(n - 1)
A
C
K
A
C
K
(n is any integer greater than 1)
Data
(1)
Figure 16. Sequential EEPROM Read Sequence
0 0 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com