Electronic Components Datasheet Search
  English  ▼

X  

X9521 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # X9521
Description  Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9521 Datasheet(HTML) 5 Page - Renesas Technology Corp

  X9521 Datasheet HTML 1Page - Renesas Technology Corp X9521 Datasheet HTML 2Page - Renesas Technology Corp X9521 Datasheet HTML 3Page - Renesas Technology Corp X9521 Datasheet HTML 4Page - Renesas Technology Corp X9521 Datasheet HTML 5Page - Renesas Technology Corp X9521 Datasheet HTML 6Page - Renesas Technology Corp X9521 Datasheet HTML 7Page - Renesas Technology Corp X9521 Datasheet HTML 8Page - Renesas Technology Corp X9521 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
X9521
FN8207 Rev 2.00
Page 5 of 24
September 21, 2010
Nonvolatile Write Acknowledge Polling
After a nonvolatile write command sequence (for either the
EEPROM array, the Non Volatile Memory of a DCP (NVM),
or the CONSTAT Register) has been correctly issued
(including the final STOP condition), the X9521 initiates an
internal high voltage write cycle. This cycle typically
requires 5 ms. During this time, no further Read or Write
commands can be issued to the device. Write Acknowl-
edge Polling is used to determine when this high voltage
write cycle has been completed.
To perform acknowledge polling, the master issues a
START condition followed by a Slave Address Byte. The
Slave Address issued must contain a valid Internal Device
Address. The LSB of the Slave Address (R/W) can be set
to either 1 or 0 in this case. If the device is still busy with the
high voltage cycle then no ACKNOWLEDGE will be
returned. If the device has completed the write operation,
an ACKNOWLEDGE will be returned and the host can
then proceed with a read or write operation. (Refer to Fig-
ure 5.).
DIGITALLY CONTROLLED POTENTIOMETERS
DCP Functionality
The X9521 includes two independent resistor arrays.
These arrays respectively contain 99 and 255 discrete
resistive segments that are connected in series. The
physical ends of each array are equivalent to the fixed
terminals of a mechanical potentiometer (RHx and RLx
inputs - where x = 1,2).
At both ends of each array and between each resistor seg-
ment there is a CMOS switch connected to the wiper (Rwx)
output. Within each individual array, only one switch may
be turned on at any one time. These switches are con-
trolled by the Wiper Counter Register (WCR) (See Figure
6). The WCR is a volatile register.
On power-up of the X9521, wiper position data is automati-
cally loaded into the WCR from its associated Non Volatile
Memory (NVM) Register. The Table below shows the Initial
Values of the DCP WCR’s before the contents of the NVM
is loaded into the WCR.
ACK
returned?
Issue Slave Address
Byte (Read or Write)
Byte load completed
by issuing STOP.
Enter ACK Polling
Issue STOP
Issue START
NO
YES
High Voltage Cycle
complete. Continue
command sequence?
Issue STOP
NO
Continue normal
Read or Write
command sequence
PROCEED
YES
Figure 5.
Acknowledge Polling Sequence
DECODER
RESISTOR
ARRAY
RHx
FET
SWITCHES
RLx
RWx
0
1
2
N
WIPER
REGISTER
COUNTER
NON
MEMORY
VOLATILE
(WCR)
(NVM)
“WIPER”
Figure 6.
DCP Internal Structure
DCP
Initial Values Before Recall
R1 / 100 TAP
VL / TAP = 0
R2 / 256 TAP
VH / TAP = 255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com