Electronic Components Datasheet Search
  English  ▼

X  

FT28HC256 Datasheet(PDF) 6 Page - Force Technologies Ltd

Part # FT28HC256
Description  5 Volt, Byte Alterable EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28HC256 Datasheet(HTML) 6 Page - Force Technologies Ltd

Back Button FT28HC256 Datasheet HTML 2Page - Force Technologies Ltd FT28HC256 Datasheet HTML 3Page - Force Technologies Ltd FT28HC256 Datasheet HTML 4Page - Force Technologies Ltd FT28HC256 Datasheet HTML 5Page - Force Technologies Ltd FT28HC256 Datasheet HTML 6Page - Force Technologies Ltd FT28HC256 Datasheet HTML 7Page - Force Technologies Ltd FT28HC256 Datasheet HTML 8Page - Force Technologies Ltd FT28HC256 Datasheet HTML 9Page - Force Technologies Ltd FT28HC256 Datasheet HTML 10Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
FT28HC256
Characteristics subject to change without notice.
6 of 23
REV 1.0
SOFTWARE ALGORITHM
Selecting the software data protection mode requires
the host system to precede data write operations by a
series of three write operations to three specific
addresses. Refer to Figure 6 and 7 for the sequence .
The three-byte sequence opens the page wr ite window,
enabling the host to write from one to one hundred
twenty-eight bytes of data. Once the page load cycle
has been completed, the device will automatically be
returned to the data protected state.
SOFTWARE DATA PROTECTION
Figure 6. Timing Sequence—Byte or Page Write
CE
WE
(VCC)
Write
Protected
VCC
0V
Data
Address
AAA
5555
55
2AAA
A0
5555
≤ tBLC MAX
Writes
ok
Byte
or
Age
tWC
Figure 7. Write Sequence for Software Data
Protection
Regardless of whether the device has previously been
protected or not, once the software data protection
algorithm is used and data has been written, the
FT28HC256 will automatically disable further writes
unless another command is issued to cancel it. If no
further commands are issued the FT28HC256 will be
write protected during power-down and after any sub-
sequent power-up.
Note:
Once initiated, the sequence of write operations
should not be interrupted.
Write Last
Write Data XX
to Any
Write Data A0
to Address
5555
Write Data 55
to Address
2AAA
Write Data AA
to Address
5555
After tWC
Re-Enters Data
Protected State
Byte to
Last Address
Address
Optional
Byte/Page
Load Operation
Byte/Page
Load Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com