Electronic Components Datasheet Search
  English  ▼

X  

FT28HC256 Datasheet(PDF) 11 Page - Force Technologies Ltd

Part # FT28HC256
Description  5 Volt, Byte Alterable EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28HC256 Datasheet(HTML) 11 Page - Force Technologies Ltd

Back Button FT28HC256 Datasheet HTML 7Page - Force Technologies Ltd FT28HC256 Datasheet HTML 8Page - Force Technologies Ltd FT28HC256 Datasheet HTML 9Page - Force Technologies Ltd FT28HC256 Datasheet HTML 10Page - Force Technologies Ltd FT28HC256 Datasheet HTML 11Page - Force Technologies Ltd FT28HC256 Datasheet HTML 12Page - Force Technologies Ltd FT28HC256 Datasheet HTML 13Page - Force Technologies Ltd FT28HC256 Datasheet HTML 14Page - Force Technologies Ltd FT28HC256 Datasheet HTML 15Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
FT28HC256
Characteristics subject to change without notice.
11 of 23
REV 1.0
A.C. CHARACTERISTICS
(Over the recommended operating conditions, unless otherwise specified.
Read Cycle Limits
Read Cycle
Notes:
(4) tLZ min., tHZ, tOLZ min. and tOHZ are periodically sampled and not 100% tested, tHZ and tOHZ are measured with CL = 5pF, from the
point when CE, OE
tCE
tRC
Address
CE
OE
WE
Data Valid
tOE
tLZ
tOLZ
tOH
tAA
tHZ
tOHZ
Data I/O
VIH
HIGH Z
Data Valid
return HIGH (whichever occurs first) to the time when the outputs are no longer diven.
Symbol
Parameter
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
tRC(5)
Read cycle time
70
90
120
150
ns
tCE(5)
Chip enable access time
70
90
120
150
ns
tAA(5)
Address access time
70
90
120
150
ns
tOE
Output enable access time
35
40
50
50
ns
tLZ(4)
CE LOW to active output
0
0
0
0
ns
tOLZ(4) OE LOW to active output
0
0
0
0
ns
tHZ(4) CE
HIGH to high Z output
35
40
50
50
ns
tOHZ(4) OE HIGH to high Z output
35
40
50
50
ns
tOH
Output hold from address change
0
0
0
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com