Electronic Components Datasheet Search
  English  ▼

X  

FT28HC256 Datasheet(PDF) 12 Page - Force Technologies Ltd

Part # FT28HC256
Description  5 Volt, Byte Alterable EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28HC256 Datasheet(HTML) 12 Page - Force Technologies Ltd

Back Button FT28HC256 Datasheet HTML 8Page - Force Technologies Ltd FT28HC256 Datasheet HTML 9Page - Force Technologies Ltd FT28HC256 Datasheet HTML 10Page - Force Technologies Ltd FT28HC256 Datasheet HTML 11Page - Force Technologies Ltd FT28HC256 Datasheet HTML 12Page - Force Technologies Ltd FT28HC256 Datasheet HTML 13Page - Force Technologies Ltd FT28HC256 Datasheet HTML 14Page - Force Technologies Ltd FT28HC256 Datasheet HTML 15Page - Force Technologies Ltd FT28HC256 Datasheet HTML 16Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
FT28HC256
Characteristics subject to change without notice.
12 of 23
REV
1.0
Write Cycle Limits
Notes: (6) Typical values are for TA = 25°C and nominal supply voltage.
(7) tWC is the minimum cycle time to be allowed from the system perspective unless polling techniques are used. It is the maximum
time the device requires to automatically complete the internal write operation.
(8) tWPH and tDW are periodically sampled and not 100% tested.
WE Controlled Write Cycle
Symbol
Parameter
Min.
Typ.(6)
Max.
Unit
tWC
(7)
Write cycle time
3
5
ms
tAS
Address setup time
0
ns
tAH
Address hold time
50
ns
tCS
Write setup time
0
ns
tCH
Write hold time
0
ns
tCW
CE pulse width
50
ns
tOES
OE HIGH setup time
0
ns
tOEH
OE HIGH hold time
0
ns
tWP
WE pulse width
50
ns
tWPH
(8)
WE HIGH recovery (page write only)
50
ns
tDV
Data valid
1µs
tDS
Data setup
50
ns
tDH
Data hold
0
ns
tDW
(8)
Delay to next write after polling is true
10
µs
tBLC
Byte load cycle
0.15
100
µs
Address
tAS
tWC
tAH
tOES
tDS
tDH
tOEH
CE
WE
OE
Data In
Data Out
HIGH Z
Data Valid
tCS
tCH
tWP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com