Electronic Components Datasheet Search
  English  ▼

X  

FT28HC256 Datasheet(PDF) 23 Page - Force Technologies Ltd

Part # FT28HC256
Description  5 Volt, Byte Alterable EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28HC256 Datasheet(HTML) 23 Page - Force Technologies Ltd

Back Button FT28HC256 Datasheet HTML 15Page - Force Technologies Ltd FT28HC256 Datasheet HTML 16Page - Force Technologies Ltd FT28HC256 Datasheet HTML 17Page - Force Technologies Ltd FT28HC256 Datasheet HTML 18Page - Force Technologies Ltd FT28HC256 Datasheet HTML 19Page - Force Technologies Ltd FT28HC256 Datasheet HTML 20Page - Force Technologies Ltd FT28HC256 Datasheet HTML 21Page - Force Technologies Ltd FT28HC256 Datasheet HTML 22Page - Force Technologies Ltd FT28HC256 Datasheet HTML 23Page - Force Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
FT28HC256
Characteristics subject to change without notice.
23 of 23
Device
Access Time
–70 = 70ns
–90 = 90ns
–12 = 120ns
–15 = 150ns
Temperature Range
Blank = Commercial = 0°C to +70°C
I = Industrial = –40°C to +85°C
M = Military = –55°C to +125°C
MB = MIL-STD-883 M5004
Package
P = 28-Lead Plastic DIP
D = 28-Lead CERDIP
J = 32-Lead PLCC
S = 28-Lead plastic SOIC
E = 32-Pad LCC
K = 28-Pin grid array
F = 28-Lead flat pack
T = 32-Lead TSOP
FT28HC256 X
X
-X
REV 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com