Electronic Components Datasheet Search
  English  ▼

X  

FT28HC256 Datasheet(PDF) 5 Page - Force Technologies Ltd

Part # FT28HC256
Description  5 Volt, Byte Alterable EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28HC256 Datasheet(HTML) 5 Page - Force Technologies Ltd

  FT28HC256 Datasheet HTML 1Page - Force Technologies Ltd FT28HC256 Datasheet HTML 2Page - Force Technologies Ltd FT28HC256 Datasheet HTML 3Page - Force Technologies Ltd FT28HC256 Datasheet HTML 4Page - Force Technologies Ltd FT28HC256 Datasheet HTML 5Page - Force Technologies Ltd FT28HC256 Datasheet HTML 6Page - Force Technologies Ltd FT28HC256 Datasheet HTML 7Page - Force Technologies Ltd FT28HC256 Datasheet HTML 8Page - Force Technologies Ltd FT28HC256 Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
FT28HC256
Characteristics subject to change without notice.
5 of 23
REV 1.0
THE TOGGLE BIT I/O6
Figure 4. Toggle Bit Bus Sequence
CE
OE
WE
Last
Write
I/O6
HIGH Z
*
*
VOH
VOL
Ready
* I/O6 Beginning and ending state of I/O6 will vary.
Figure 5. Toggle Bit Software Flow
¬
The Toggle Bit can eliminate the chore of saving and
fetching the last address and data in order to implement
DATA Polling. This can be especially helpful in an array
comprised of multiple FT28HC256 memories that is
frequently updated. The timing diagram in Figure 4
illustrates the sequence of events on the bus. The soft-
ware flow diagram in Figure 5 illustrates a method for
polling the Toggle Bit.
HARDWARE DATA PROTECTION
The FT28HC256 provides two hardware features that
protect nonvolatile data from inadvertent writes.
– Default VCC Sense—All write functions are inhibited
when VCC is 3.5V typically.
– Write Inhibit—Holding either OE LOW, WE HIGH, or
CE HIGH will prevent an inadvertent write cycle during
power-up and power-down, maintaining data integrity.
SOFTWARE DATA PROTECTION
The FT28HC256 offers a softw are-controlled data pro-
tection feature. The FT28HC256 is shipped from FT
with the software data protection NOT ENABLED; that
is, the device will be in the standard operating mode. In
this mode data should be protected during power-up/
down oper ations through the use of e xternal circuits.
The host would then have open read and write access
of the device once VCC was stable.
The FT28HC256 can be automatically protected during
power-up and power-down (without the need for exter-
nal circuits) by employing the software data protection
feature. The internal software data protection circuit is
enabled after the first w ite operation, utilising the soft-
ware algor ithm. This circuit is non volatile, and will
remain set for the life of the device unless the reset
command is issued.
Once the software protection is enabled, the FT28HC256 is
also protected from inadvertent and accidental writes in the
powered-up state. That is, the software algorithm must be
issued prior to writing additional data to the device.
Compare
FT28C256
No
Yes
ok?
Compare
Accum with
Addr n
Load Accum
From Addr n
Last Write
Ready
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com