Electronic Components Datasheet Search
  English  ▼

X  

FT28HC256 Datasheet(PDF) 1 Page - Force Technologies Ltd

Part # FT28HC256
Description  5 Volt, Byte Alterable EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28HC256 Datasheet(HTML) 1 Page - Force Technologies Ltd

  FT28HC256 Datasheet HTML 1Page - Force Technologies Ltd FT28HC256 Datasheet HTML 2Page - Force Technologies Ltd FT28HC256 Datasheet HTML 3Page - Force Technologies Ltd FT28HC256 Datasheet HTML 4Page - Force Technologies Ltd FT28HC256 Datasheet HTML 5Page - Force Technologies Ltd FT28HC256 Datasheet HTML 6Page - Force Technologies Ltd FT28HC256 Datasheet HTML 7Page - Force Technologies Ltd FT28HC256 Datasheet HTML 8Page - Force Technologies Ltd FT28HC256 Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
REV 1.0
Characteristics subject to change without notice.
1 of 23
256
k 32k X 8 bit
FT28HC256
5 Volt, Byte Alterable EEPROM
FEATURES
• Access time:
90ns
• Simple byte and page write
—Single 5V supply
—No external high voltages or VPP control circuits
—Self-timed
—No erase before write
—No complex programming algorithms
—No overerase problem
• Low power CMOS
—Active: 60mA
—Standby: 500µA
• Software data protection
—Protects data against system level inadvertent
writes
• High speed page write capability
• Highly reliable
direct Write
—Endurance: 1,000,000 cycles
—Data retention: 100 years
• Early end of write detection
—DATA polling
—Toggle bit polling
DESCRIPTION
The FT28HC256 is a second generation high perfor-
mance 32K x 8 EEPROM.
BLOCK DIAGRAM
X Buffers
Latches and
Decoder
I/O Buffers
and Latches
Y Buffers
Latches and
DECODER
Control
Logic and
Timing
256Kbit
EEPROM
Array
I/O0–I/O7
Data Inputs/Outputs
CE
OE
VCC
VSS
A0–A14
WE
Address
Inputs
The FT28HC256 supports a 128-byte page write opera-
tion, effectively providing a 24µs/byte write cycle, and
enabling the entire memory to be typically rewritten in
less than 0.8 seconds. The FT28HC256 also features
DATA Polling and Toggle Bit Polling, two methods of
providing early end of write detection. The FT28HC256
also supports the JEDEC standard Software Data Pro-
tection feature for protecting against inadvertent writes
during power-up and power-down.
Endurance for the FT28HC256 is specified as a mini-
mum 1,000,000 writecycles per byte and an inherent
data retention of 100 years.


Similar Part No. - FT28HC256

ManufacturerPart #DatasheetDescription
logo
Fangtek Ltd.
FT2810D FANGTEK-FT2810D Datasheet
1Mb / 26P
3.2W Dual-PumpTM Class-G Audio Power Amplifier
ft2810DQ FANGTEK-ft2810DQ Datasheet
1Mb / 26P
3.2W Dual-PumpTM Class-G Audio Power Amplifier
FT2820 FANGTEK-FT2820 Datasheet
890Kb / 26P
4W Dual-PumpTM Class-G Audio Power Amplifier
ft2820P FANGTEK-ft2820P Datasheet
890Kb / 26P
4W Dual-PumpTM Class-G Audio Power Amplifier
FT2830 FANGTEK-FT2830 Datasheet
1Mb / 26P
4.5W Dual-PumpTM Class-G Audio Power Amplifier
More results

Similar Description - FT28HC256

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
5 Volt, Byte Alterable EEPROM
May 11, 2005
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
5 Volt, Byte Alterable EEPROM
June 1, 2005
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
5 Volt, Byte Alterable EEPROM
May 17, 2006
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
5 Volt, Byte Alterable EEPROM
June 7, 2006
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64_09 Datasheet
363Kb / 17P
5 Volt, Byte Alterable EEPROM
August 28, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com