Electronic Components Datasheet Search
  English  ▼

X  

PDSLVDS1002DBVT Datasheet(PDF) 3 Page - Texas Instruments

Part # PDSLVDS1002DBVT
Description  3.3-V LVDS Single Channel High Speed Differential Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PDSLVDS1002DBVT Datasheet(HTML) 3 Page - Texas Instruments

  PDSLVDS1002DBVT Datasheet HTML 1Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 2Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 3Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 4Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 5Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 6Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 7Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 8Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
DSLVDS1002
www.ti.com
SNLS619 – JULY 2018
Product Folder Links: DSLVDS1002
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
DVB Package
5-Pin SOT-23
Top View
Pin Functions
Package Pin Number
Pin Name
Description
SOT-23
1
VDD
Power Supply Pin, +3.3V ± 0.3V
2
GND
Ground Pin
3
IN +
Non-Inverting Receiver Input Pin
4
IN -
Inverting Receiver Input Pin
5
LVCMOS/LVTTL
OUT
LVTTL/LVCMOS Receiver Output Pin
6 Truth Table
INPUTS
OUTPUT
VID = [IN+] − [IN−]
TTL OUT
VID ≥ 0V
H
VID ≤ −0.1V
L
Full Fail-safe OPEN/SHORT or Terminated
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com