Electronic Components Datasheet Search
  English  ▼

X  

PDSLVDS1002DBVT Datasheet(PDF) 9 Page - Texas Instruments

Part # PDSLVDS1002DBVT
Description  3.3-V LVDS Single Channel High Speed Differential Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PDSLVDS1002DBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button PDSLVDS1002DBVT Datasheet HTML 5Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 6Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 7Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 8Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 9Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 10Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 11Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 12Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
DSLVDS1002
www.ti.com
SNLS619 – JULY 2018
Product Folder Links: DSLVDS1002
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Device Functional Modes (continued)
9.4.3 Fail-Safe Feature
The LVDS receiver is a high gain, high speed device that amplifies a small differential signal (20mV) to
LVCMOS/LVTTL logic levels. Due to the high gain and tight threshold of the receiver, care should be taken to
prevent noise from appearing as a valid signal.
The receiver's internal fail-safe circuitry is designed to source/sink a small amount of current, providing fail-safe
protection (a stable known state of HIGH output voltage) for floating, terminated or shorted receiver inputs.
1. Open Input Pins. It is not required to tie the receiver inputs to ground or any supply voltage. Internal failsafe
circuitry will ensure a HIGH, stable output state for open inputs.
2. Terminated Input. If the driver is disconnected (cable unplugged), or if the driver is in a power-off condition,
the receiver output will again be in a HIGH state, even with the end of cable 100Ω termination resistor across
the input pins. The unplugged cable can become a floating antenna which can pick up noise. If the cable
picks up more than 10mV of differential noise, the receiver may see the noise as a valid signal and switch.
To insure that any noise is seen as common-mode and not differential, a balanced interconnect should be
used. Twisted pair cable will offer better balance than flat ribbon cable.
3. Shorted Inputs. If a fault condition occurs that shorts the receiver inputs together, thus resulting in a 0V
differential input voltage, the receiver output will remain in a HIGH state. Shorted input fail-safe is not
supported across the common-mode range of the device (GND to 2.4V). It is only supported with inputs
shorted and no external common-mode voltage applied.
External lower value pull up and pull down resistors (for a stronger bias) may be used to boost fail-safe in the
presence of higher noise levels. The pull up and pull down resistors should be in the 5k
Ω to 15kΩ range to
minimize loading and waveform distortion to the driver. The common-mode bias point should be set to
approximately 1.2V (less than 1.75V) to be compatible with the internal circuitry.
The DSLVDS1002 is compliant to the original ANSI EIA/TIA-644 specification and is also compliant to the new
ANSI EIA/TIA-644-A specification with the exception the newly added ΔIIN specification. Due to the internal fail-
safe circuitry, ΔIIN cannot meet the 6µA maximum specified. This exception will not be relevant unless more than
10 receivers are used.
Additional information on fail-safe biasing of LVDS devices may be found in AN-1194 Failsafe Biasing of LVDS
Interfaces (SNLA051).
9.4.4 Probing LVDS Transmission Lines
Always use high impedance (> 100k
Ω), low capacitance (< 2 pF) scope probes with a wide bandwidth (1 GHz)
scope. Improper probing will give deceiving results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com