Electronic Components Datasheet Search
  English  ▼

X  

PDSLVDS1002DBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # PDSLVDS1002DBVT
Description  3.3-V LVDS Single Channel High Speed Differential Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PDSLVDS1002DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button PDSLVDS1002DBVT Datasheet HTML 9Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 10Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 11Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 12Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 13Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 14Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 15Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 16Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
0
r
87
5.98 H
Z
ln
0.8 W
T
1.41
§
·
¨
¸
H
©
¹
>
@
>
@
0
r
1.9 2 H T
60
Z
ln
0.8 W
T
§
·
¨
¸
¨
¸
H
©
¹
s
0.96
H
diff
0
Z
2
Z
1 0.48
e
u
§
·
¨
¸
u
u
u
¨
¸
©
¹
s
2.9
H
diff
0
Z
2
Z
1 0.347e
u
§
·
¨
¸
u
u
¨
¸
©
¹
Co-Planar Coupled
Microstrips
Broad-Side Coupled
Striplines
Edge-Coupled
Edge-Coupled
Single-Ended Microstrip
Single-Ended Stripline
W
H
T
W
T
H
H
S
H
Differential Microstrip
Differential Stripline
S
H
S
H
H
G
G
W
W
W
S
13
DSLVDS1002
www.ti.com
SNLS619 – JULY 2018
Product Folder Links: DSLVDS1002
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
When two signal lines are placed close by, they form a pair of coupled transmission lines. Figure 6 shows
examples of edge-coupled microstrip lines, and edge-coupled or broad-side-coupled striplines. When excited by
differential signals, the coupled transmission line is referred to as a differential pair. The characteristic impedance
of each line is called odd-mode impedance. The sum of the odd-mode impedances of each line is the differential
impedance of the differential pair. In addition to the trace dimensions and dielectric material properties, the
spacing between the two traces determines the mutual coupling and impacts the differential impedance. When
the two lines are immediately adjacent; for example, S is less than 2W, the differential pair is called a tightly-
coupled differential pair. To maintain constant differential impedance along the length, it is important to keep the
trace width and spacing uniform along the length, as well as maintain good symmetry between the two lines.
Figure 6. Controlled-Impedance Transmission Lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com