Electronic Components Datasheet Search
  English  ▼

X  

PDSLVDS1002DBVT Datasheet(PDF) 5 Page - Texas Instruments

Part # PDSLVDS1002DBVT
Description  3.3-V LVDS Single Channel High Speed Differential Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PDSLVDS1002DBVT Datasheet(HTML) 5 Page - Texas Instruments

  PDSLVDS1002DBVT Datasheet HTML 1Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 2Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 3Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 4Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 5Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 6Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 7Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 8Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
DSLVDS1002
www.ti.com
SNLS619 – JULY 2018
Product Folder Links: DSLVDS1002
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground
unless otherwise specified (such as VID).
(2)
Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only. Only one output should be shorted
at a time, do not exceed maximum junction temperature specification.
7.5 Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified.
(1)
PARAMETER
TEST CONDITIONS
PIN
MIN
TYP
MAX
UNIT
VTH
Differential Input High Threshold
Valid across the specified common
mode voltage (VCM) range.
IN+, IN
−
100
mV
VTL
Differential Input Low Threshold
−100
−30
mV
VCM
Common-Mode Voltage
VDD = 2.7V, VID = 100mV
0.05
2.35
V
VDD = 3.0V to 3.6V, VID = 100mV
0.05
VDD - 0.3V
V
IIN
Input Current
VIN = +2.8V
VDD = 3.6V or 0V
−15
1
15
μA
VIN = 0V
−15
1
15
μA
VIN = +3.6V
VDD = 0V
−20
+20
μA
ΔIIN
Change in Magnitude of IIN
VIN = +2.8V
VDD = 3.6V or 0V
4
μA
VIN = 0V
4
μA
VIN = +3.6V
VDD = 0V
4
μA
IIND
Differential Input Current
VIN+ = +0.4V, VIN− = +0V
3
3.9
4.4
mA
CIN
Input Capacitance
IN+ = IN
− = GND
3
pF
VOH
Output High Voltage
IOH = −0.4 mA, VID = +200 mV
TTL OUT
2.4
3.1
V
IOH = −0.4 mA, Inputs terminated
2.4
3.1
V
IOH = −0.4 mA, Inputs shorted
2.4
3.1
V
VOL
Output Low Voltage
IOL = 2 mA, VID = −200 mV
0.3
0.5
V
IOS
Output Short Circuit Current
VOUT = 0V
(2)
−15
−50
−100
mA
VCL
Input Clamp Voltage
ICL = −18 mA
−1.5
−0.7
V
IDD
No Load Supply Current
Inputs Open
VDD
5.4
9
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com